データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE555 データシート(PDF) 7 Page - Diodes Incorporated

部品番号 NE555
部品情報  PRECISION TIMERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

NE555 データシート(HTML) 7 Page - Diodes Incorporated

Back Button NE555 Datasheet HTML 3Page - Diodes Incorporated NE555 Datasheet HTML 4Page - Diodes Incorporated NE555 Datasheet HTML 5Page - Diodes Incorporated NE555 Datasheet HTML 6Page - Diodes Incorporated NE555 Datasheet HTML 7Page - Diodes Incorporated NE555 Datasheet HTML 8Page - Diodes Incorporated NE555 Datasheet HTML 9Page - Diodes Incorporated NE555 Datasheet HTML 10Page - Diodes Incorporated NE555 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NE555/SA555/NA555
PRECISION TIMERS
NE555/SA555/NA555
Document number: DS35112 Rev. 4 - 2
7 of 14
www.diodes.com
February 2012
© Diodes Incorporated
Typical Applications Characteristics
Monostable Operation
For monostable operation, any of the ‘555 timers can be connected as shown in Figure 1. If the output is low, application of a
negative-going pulse to the trigger (TRIG) sets the internal flip-flop and drives the output high. Capacitor C is then charged
through RA until the voltage across the capacitor reaches the threshold voltage of the threshold (THRES) input. If TRIG has
returned to a high level, the output of the threshold comparator resets the internal flip-flop, drives the output low, and
discharges C.
Fig 1. Monostable operation
Monostable operation is initiated when TRIG voltage falls below the trigger threshold. Once initiated, the sequence ends only
if TRIG is high for at least 10
μs before the end of the timing interval. When the trigger is grounded, the comparator storage
time can be as long as 10
μs, which limits the minimum monostable pulse width to 10μs. Because of the threshold level and
saturation voltage of Q1, the output pulse duration is approximately tW = 1.1RAC. Figure 3 is a plot of the time constant for
various values of RA and C. The threshold levels and charge rates both are directly proportional to the supply voltage, VCC.
The timing interval is, therefore, independent of the supply voltage, so long as the supply voltage is constant during the time
interval.
Applying a negative-going trigger pulse simultaneously to RESET and TRIG during the timing interval discharges C and
reinitiates the cycle, commencing on the positive edge of the reset pulse. The output is held low as long as the reset pulse is
low. To prevent false triggering, when RESET is not used, it should be connected to VCC.
Fig. 2 Typical Monostable Waveforms
Fig. 3 Output Pulse Duration vs. Capacitance
RL
RA
THRES
TRIG
DISCH
RESET
CONT
VCC
GND
OUT
Output
4
7
6
2
1
3
8
5
VCC
(5V to 15V)
Input
C


同様の部品番号 - NE555

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
logo
Texas Instruments
NE555 TI-NE555 Datasheet
713Kb / 29P
[Old version datasheet]   PRCISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
674Kb / 14P
   Timing from microseconds to hours
February 2021
logo
Wing Shing Computer Com...
NE555 WINGS-NE555 Datasheet
273Kb / 5P
   Precision Timer
logo
Unisonic Technologies
NE555 UTC-NE555 Datasheet
205Kb / 8P
   SINGLE TIMER
More results

同様の説明 - NE555

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI1-NA555_14 Datasheet
1Mb / 36P
[Old version datasheet]   Precision Timers
logo
Unisonic Technologies
USA555 UTC-USA555 Datasheet
316Kb / 8P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_08 Datasheet
625Kb / 27P
[Old version datasheet]   PRECISION TIMERS
logo
Unisonic Technologies
SA555 UTC-SA555 Datasheet
190Kb / 6P
   PRECISION TIMERS
logo
Texas Instruments
NA555 TI-NA555_07 Datasheet
559Kb / 27P
[Old version datasheet]   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com