データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA35S281-DI データシート(PDF) 3 Page - Kasin Electronics Corporation

部品番号 KA35S281-DI
部品情報  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KASIN [Kasin Electronics Corporation]
ホームページ  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281-DI データシート(HTML) 3 Page - Kasin Electronics Corporation

  KA35S281-DI Datasheet HTML 1Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 2Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 3Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 4Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 5Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281-DI Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
3
Ordering information:
Table 1. Ordering information
Type Number
Package
Temperature Range
Pins
Package
Material
Code
KA35S280-DN
-20°C to +85°C
14
DIP14
Plastic
SOT27-1
KA35S280-DI
-40°C to +125°C
14
DIP14
Plastic
SOT27-1
KA35S280-SN
-20°C to +85°C
14
SO14
Plastic
SOT108-1
KA35S280-SI
-40°C to +125°C
14
SO14
Plastic
SOT108-1
KA35S281-DN
-20°C to +85°C
14
DIP14
Plastic
SOT27-1
KA35S281-DI
-40°C to +125°C
14
DIP14
Plastic
SOT27-1
KA35S281-SN
-20°C to +85°C
14
SO14
Plastic
SOT108-1
KA35S281-SI
-40°C to +125°C
14
SO14
Plastic
SOT108-1
Pinning information
-
Pining
Cyclic/Float
Faster
MS1
MS0
SW
V
DD
TEMP
6
5
4
3
2
1
7
I
SNS
V
BAT
V
SS
9
10
11
12
13
14
8
KA35S28X
LED0
LED1
LED2
LED3
Figure 1 - Pin configuration
-
Pin description
Table 2
– pin Description
Symbol
Pin
Description
VDD
1
5.0V±10% power
SW
2
PWM Control Output
MS0
3
Mode Select 0
MS1
4
Mode Select 1
Faster
5
25% Faster Charging
Cyclic
/
Float
6
Select Between Cyclic and Float Applications
TEMP
7
Temperature Sense Input
LED3
8
Charge status output 3
LED2
9
Charge status output 2
LED1
10
Charge status output 1
LED0
11
Charge status output 0
ISNS
12
Current Sense Input
VBAT
13
Battery Voltage Sense Input
VSS
14
System Ground


同様の部品番号 - KA35S281-DI

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

同様の説明 - KA35S281-DI

メーカー部品番号データシート部品情報
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com