データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KA35S281-SN データシート(PDF) 5 Page - Kasin Electronics Corporation

部品番号 KA35S281-SN
部品情報  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KASIN [Kasin Electronics Corporation]
ホームページ  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S281-SN データシート(HTML) 5 Page - Kasin Electronics Corporation

  KA35S281-SN Datasheet HTML 1Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 2Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 3Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 4Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 5Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 6Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 7Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 8Page - Kasin Electronics Corporation KA35S281-SN Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
5
- Pin Configuration
- Mode selection pins
The KA35S28X can be programmed into 3 different charge algorithm named as 3-step
voltage, current and pulsed current by mode selection pins. Table 3 shows the relations
between MS0/MS1 selection pins and IC operation.
Table 3
– Mode Selection pins
MS1
MS0
Mode
Description
0
0
0
Charge is disabled
0
1
1
3-step voltage charge
1
0
2
Current charge
1
1
3
Pulsed current Charge
- Faster charge pin
The faster charge pin can be change internal DC voltage threshold of max current by 25%
(50mV). In normal condition it is configured to 200mV by internal voltage reference
generator unit.
Table 4
– Mode Selection pins
Faster Pin
Description
0
Charge current increased by 25%
1
Normal current charge
- Cyclic/Float use pin
Due to recent design breakthroughs, the same battery may be used in either cyclic or
standby applications and it is necessary to set the charge voltage according to it. Inaccurate
voltage settings cause over- or under-charge. In applications where standby power is
required to operate when the power has been interrupted, continuous float charging is
recommended. Non-continuous cyclic charging is used primarily with portable equipment
where charging on an intermittent basis is appropriate.
The cyclic/float pin can be change internal charge reference voltage and method of
temperature compensation.
Table 5
– Mode Selection pins
Cyclic/Float Pin
Description
0
In cyclic use
1
In float use
- Fixed and Configurable Thresholds
The KA35S28X uses the following fixed thresholds:
VMAX
High-Cutoff Voltage: VBAT rising above this level is interpreted as battery
removal, cutting off charging current. VMAX = 0.6 * VCC.
VMIN
Low-Cutoff Voltage: VBAT dropping below this level is interpreted as battery
removal, cutting off charging current. VMIN = 0.2 * VCC.
VTH
Minimum Voltage: Used in pre-charge qualification. VTH = 0.34 * VCC.
ICOND
Conditioning Current: Used in the maintenance phase of the Current algorithm
and pre-charge qualification. ICOND = IMAX/5. IMAX is set by Equation 2.
Also the KA35S28X uses the following configurable thresholds:
VBLK
Upper voltage limit during fast charge, typically specified by the battery
manufacturers to be 2.3V in float and 2.45 in cyclic applications per cell @
25°C. KA35S28X uses 2.45V for VBLK when Cyclic/Float pin is set 0.
VFLT
Minimum charge voltage required to compensate
for the battery’s self-discharge
rate and maintain full charge on the battery.


同様の部品番号 - KA35S281-SN

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

同様の説明 - KA35S281-SN

メーカー部品番号データシート部品情報
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com