データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ73A データシート(PDF) 3 Page - Siemens Semiconductor Group

部品番号 BUZ73A
部品情報  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ73A データシート(HTML) 3 Page - Siemens Semiconductor Group

  BUZ73A Datasheet HTML 1Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 2Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 3Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 4Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 5Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 6Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 7Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 8Page - Siemens Semiconductor Group BUZ73A Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 73 A
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 4.5 A
gfs
3
4.2
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
400
530
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
85
130
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
45
70
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
td(on)
-
10
15
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
tr
-
40
60
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
td(off)
-
55
75
Fall time
VDD = 30 V, VGS = 10 V, ID = 3 A
RGS = 50 Ω
tf
-
30
40


同様の部品番号 - BUZ73A

メーカー部品番号データシート部品情報
logo
Intersil Corporation
BUZ73A INTERSIL-BUZ73A Datasheet
42Kb / 5P
   5.8A, 200V, 0.600 Ohm, N-Channel Power MOSFET
October 1998
logo
Infineon Technologies A...
BUZ73A INFINEON-BUZ73A Datasheet
86Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ73A INFINEON-BUZ73A Datasheet
1Mb / 10P
   SIPMOS Power Transistor
Rev. 2.4 2009-11-10
logo
Comset Semiconductor
BUZ73A COMSET-BUZ73A Datasheet
104Kb / 3P
   N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Inchange Semiconductor ...
BUZ73A ISC-BUZ73A Datasheet
66Kb / 2P
   Fast Switching Speed
More results

同様の説明 - BUZ73A

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com