データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BUZ91 データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 BUZ91
部品情報  SIPMOS Power Transistor(N Channel)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BUZ91 データシート(HTML) 1 Page - Siemens Semiconductor Group

  BUZ91 Datasheet HTML 1Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 2Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 3Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 4Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 5Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 6Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 7Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 8Page - Siemens Semiconductor Group BUZ91 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 91
Not for new design
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• Avalanche-rated
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 91
600 V
8.5 A
0.8
TO-220 AB
C67078-S1342-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Continuous drain current
TC = 32 °C
ID
8.5
A
Pulsed drain current
TC = 25 °C
IDpuls
34
Avalanche current,limited by
Tjmax
IAR
8
Avalanche energy,periodic limited by
Tjmax
EAR
13
mJ
Avalanche energy, single pulse
ID = 8 A, VDD = 50 V, RGS = 25 Ω
L = 16.3 mH, Tj = 25 °C
EAS
570
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
150
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 0.83
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


同様の部品番号 - BUZ91

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BUZ91 ISC-BUZ91 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Siemens Semiconductor G...
BUZ91A SIEMENS-BUZ91A Datasheet
183Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ91A ISC-BUZ91A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - BUZ91

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ332A SIEMENS-BUZ332A Datasheet
215Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ332 SIEMENS-BUZ332 Datasheet
154Kb / 9P
   SIPMOS Power Transistor(N Channel)
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50A SIEMENS-BUZ50A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com