データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK1070PIETL-E データシート(PDF) 2 Page - Renesas Technology Corp

部品番号 2SK1070PIETL-E
部品情報  Silicon N-Channel Junction FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1070PIETL-E データシート(HTML) 2 Page - Renesas Technology Corp

  2SK1070PIETL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1070PIETL-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1070
Preliminary
R07DS0282EJ0300 Rev.3.00
Page 2 of 4
Mar 28, 2011
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Gate cutoff current
IGSS
–10
nA
VGS = –15 V, VDS = 0
Gate to source breakdown voltage
V(BR)GSS
–22
V
IG = –10 A, VDS = 0
Drain current
IDSS*
1
12
40
mA
VDS = 5 V, VGS = 0, Pulse test
Gate to source cutoff voltage
VGS(off)
0
–2.5
V
VDS = 5 V, ID = 10 A
Forward transfer admittance
|yfs|
20
30
mS
VDS = 5 V, VGS = 0, f = 1 kHz
Input capacitance
Ciss
9
pF
VDS = 5 V, VGS = 0, f = 1 MHz
Notes: 1. The 2SK1070 is grouped by IDSS as follows.
Grade
C
D
E
Mark
PIC
PID
PIE
IDSS
12 to 22
18 to 30
27 to 40
Main Characteristics
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
20
16
12
8
4
0
–1.25
–1.0
–0.5
–0.25
0
–0.75
VDS = 5 V
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (mA)
VDS = 5 V
f = 1 kHz
100
10
1.0
0.1
0.1
1.0
10
100
0
50
100
150
Ambient Temperature Ta (ºC)
150
100
50
Maximum Channel Dissipation Curve
Typical Output Characteristics
Drain to Source Voltage VDS (V)
20
16
12
8
4
02
6
8
10
4
VGS = 0 V
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6


同様の部品番号 - 2SK1070PIETL-E

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
2SK1070PIETL-E RENESAS-2SK1070PIETL-E Datasheet
58Kb / 5P
   Silicon N-Channel Junction FET
More results

同様の説明 - 2SK1070PIETL-E

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
2SK217 HITACHI-2SK217 Datasheet
36Kb / 7P
   Silicon N-Channel Junction FET
2SK1070 HITACHI-2SK1070 Datasheet
24Kb / 5P
   Silicon N-Channel Junction FET
logo
Panasonic Semiconductor
2SK1860 PANASONIC-2SK1860 Datasheet
77Kb / 3P
   Silicon N-Channel Junction FET
2SK1103 PANASONIC-2SK1103 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
2SK198 PANASONIC-2SK198 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
2SK2380 PANASONIC-2SK2380 Datasheet
31Kb / 2P
   Silicon N-Channel Junction FET
logo
Hitachi Semiconductor
2SK522 HITACHI-2SK522 Datasheet
36Kb / 8P
   Silicon N-Channel Junction FET
logo
Sony Corporation
2SK121 SONY-2SK121 Datasheet
115Kb / 5P
   Silicon N-Channel Junction FET
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Panasonic Semiconductor
2SK123 PANASONIC-2SK123 Datasheet
30Kb / 2P
   Silicon N-Channel Junction FET
2SK374 PANASONIC-2SK374 Datasheet
33Kb / 2P
   Silicon N-Channel Junction FET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com