データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP210D250-22 データシート(PDF) 3 Page - Siemens Semiconductor Group

部品番号 FP210D250-22
部品情報  Differential Magnetoresistive Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

FP210D250-22 データシート(HTML) 3 Page - Siemens Semiconductor Group

  FP210D250-22 Datasheet HTML 1Page - Siemens Semiconductor Group FP210D250-22 Datasheet HTML 2Page - Siemens Semiconductor Group FP210D250-22 Datasheet HTML 3Page - Siemens Semiconductor Group FP210D250-22 Datasheet HTML 4Page - Siemens Semiconductor Group FP210D250-22 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Semiconductor Group
3
FP 210 D 250-22
1. Digital revolution counting
For digital revolution counting, the sensor should be actuated by a magnetically soft iron
toothed wheel. The tooth spacing should correspond to about twice the magneto resistor
intercenter spacing (see Fig. 1).
The two resistors of the sensor are supplemented by two additional resistors in order to
obtain the sensor output voltage as a bridge voltage
V
OUT. The output voltage VOUT
without excitation then is 0 V when the offset is compensated.
Fig. 1
Schematic representation of a toothed wheel actuating an FP 210 D 250-22
Fig. 2
Measuring circuit and output voltage
VOUT waveform


同様の部品番号 - FP210D250-22

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
More results

同様の説明 - FP210D250-22

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
FP212D250-22 SIEMENS-FP212D250-22 Datasheet
222Kb / 5P
   Differential Magnetoresistive Sensor
FP201L100 SIEMENS-FP201L100 Datasheet
170Kb / 5P
   Differential Magnetoresistive Sensor
FP212L100-22 SIEMENS-FP212L100-22 Datasheet
217Kb / 5P
   Differential Magnetoresistive Sensor
FP210L100-22 SIEMENS-FP210L100-22 Datasheet
216Kb / 5P
   Differential Magnetoresistive Sensor
logo
Infineon Technologies A...
FP210L100-22 INFINEON-FP210L100-22 Datasheet
153Kb / 5P
   Differential Magnetoresistive Sensor
2000-07-01
FP210D250-22 INFINEON-FP210D250-22 Datasheet
163Kb / 5P
   Differential Magnetoresistive Sensor
1999-04-01
logo
Honeywell Solid State E...
32304118 HONEYWELL-32304118 Datasheet
623Kb / 8P
   Magnetoresistive Sensor ICs
logo
Honeywell Accelerometer...
SM351LT HONEYWELL-ACC-SM351LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
SM353LT HONEYWELL-ACC-SM353LT Datasheet
740Kb / 7P
   Magnetoresistive Sensor ICs
logo
Asahi Kasei Microsystem...
MS0083 AKM-MS0083 Datasheet
460Kb / 8P
   Semiconductor Magnetoresistive Element
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com