データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM802116UMGR データシート(PDF) 6 Page - Micrel Semiconductor

部品番号 SM802116UMGR
部品情報  ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802116UMGR データシート(HTML) 6 Page - Micrel Semiconductor

Back Button SM802116UMGR Datasheet HTML 2Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 9Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
SM802116
July 2011
6
M9999-071811-A
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
(4, 5)
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C. RL = 100Ω across Q and /Q.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FOUT1
Output Frequency 1
FSEL=1
106.25
MHz
FOUT2
Output Frequency 2
FSEL=0
212.5
MHz
FREF
Reference Input Frequency
26.5625
MHz
TR/TF
LVDS Output Rise/Fall Time
20% – 80%
100
220
400
ps
ODC
Output Duty Cycle
48
50
52
%
TSKEW
Output-to-Output Skew
Note 6
45
ps
TLOCK
PLL Lock Time
20
ms
Tjit(∅)
RMS Phase Jitter
(7)
106.25MHz
Integration Range (637kHz – 10MHz)
Integration Range (12kHz – 20MHz)
212.5MHz
Integration Range (637kHz – 10MHz)
Integration Range (12kHz – 20MHz)
190
250
180
240
fs
Spurious Noise Components
26.5625MHz using 106.25MHz
26.5625MHz using 212.5MHz
−90
−85
dBc
Notes:
5.
All phase noise measurements were taken with an Agilent 5052B phase noise system.
6.
Defined as skew between outputs at the same supply voltage and with equal load conditions; Measured at the output differential crossing points.
7.
Measured using 26.5625MHz crystal as the input reference source. If using an external reference input, use a low phase noise source. With an
external reference, the phase noise will follow the input source phase noise up to about 1MHz.


同様の部品番号 - SM802116UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

同様の説明 - SM802116UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com