データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM802116UMGR データシート(PDF) 3 Page - Micrel Semiconductor

部品番号 SM802116UMGR
部品情報  ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICREL [Micrel Semiconductor]
ホームページ  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM802116UMGR データシート(HTML) 3 Page - Micrel Semiconductor

  SM802116UMGR Datasheet HTML 1Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 2Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 3Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 4Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 5Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 6Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 7Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 8Page - Micrel Semiconductor SM802116UMGR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
SM802116
July 2011
3
M9999-071811-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description (Continued)
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
5, 11, 16, 18
TEST
Factory Test pins, Do not connect anything to these pins.
1
VDD
PWR
Core Power Supply
13, 14, 15
VSS
PWR
Core Power Supply Ground
17
VDDO1
PWR
Power Supply for Output Bank 1
21
VSSO1
PWR
Power Supply Ground for Output Bank 1
8
REF_IN
I, (SE)
LVCMOS
Reference Clock Input
9
XTAL_IN
I, (SE)
12pF crystal
Crystal Reference Input, no load caps needed.
(see Figure 5)
10
XTAL_OUT
O, (SE)
12pF crystal
Crystal Reference Output, no load caps needed.
(se Figure 5)
6
FSEL
I, (SE)
LVCMOS
Frequency Select, 1 = 106.25MHz, 0 = 212.5MHz,
45KΩ pull-up
7
OE1
I, (SE)
LVCMOS
Output Enable, Q1 disables to tri-state,
0 = Disabled, 1 = Enabled, 45KΩ pull-up
12
OE2
I, (SE)
LVCMOS
Output Enable, Q2 disables to tri-state,
0 = Disabled, 1 = Enabled, 45KΩ pull-up
Truth Tables
PLL_BYPASS
XTAL_SEL
OE2
OE1
INPUT
OUTPUT
0
1
1
PLL
1
1
1
XTAL/REF_IN
0
1
1
REF_IN
1
1
1
XTAL
0
1
Q2 Tri-state
1
0
Q1 Tri-state
FSEL
Output Frequency
(MHz)
0
212.5
1
106.25


同様の部品番号 - SM802116UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMG MICREL-SM802110UMG Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110UMGR MICREL-SM802110UMGR Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802111UMG MICREL-SM802111UMG Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
More results

同様の説明 - SM802116UMGR

メーカー部品番号データシート部品情報
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM843001-106 MICREL-SM843001-106 Datasheet
338Kb / 7P
   ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
logo
Microchip Technology
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
   Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
logo
Micrel Semiconductor
SM802112 MICREL-SM802112 Datasheet
453Kb / 12P
   ClockWorks??3-Output, 480MHz/80MHz, Ultra-Low Jitter LVDS/CMOS Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com