データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N0302P-T1-AT データシート(PDF) 6 Page - Renesas Technology Corp

部品番号 N0302P-T1-AT
部品情報  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RENESAS [Renesas Technology Corp]
ホームページ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0302P-T1-AT データシート(HTML) 6 Page - Renesas Technology Corp

  N0302P-T1-AT Datasheet HTML 1Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 2Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 3Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 4Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 5Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 6Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 7Page - Renesas Technology Corp N0302P-T1-AT Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D20205EJ1V0DS
4
N0302P
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
0
-0.5
-1
-1.5
-2
-2.5
-3
Pulsed
VGS = –10 V
–4.0 V
–4.5 V
VDS - Drain to Source Voltage - V
-0.0001
-0.001
-0.01
-0.1
-1
-10
-100
0
-1
-2
-3-4-5
VDS = –10 V
Pulsed
TA = –25
°C
25
°C
75
°C
125
°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
-1
-1.2
-1.4
-1.6
-1.8
-2
-2.2
-2.4
-50
0
50
100
150
VDS = –10 V
ID = –1 mA
Tch - Channel Temperature -
°C
0.01
0.1
1
10
-0.01
-0.1
-1
-10
-100
VDS = –10 V
Pulsed
TA = –25
°C
25
°C
75
°C
125
°C
ID - Drain Current - A
RAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
20
30
40
50
60
70
80
90
100
-50
0
50
100
150
VGS = –4.0 V
–10 V
–4.5 V
ID = –2.2 A
Pulsed
Tch - Channel Temperature -
°C
10
30
50
70
90
110
130
150
170
0246
8
10 12 14 16 18 20
ID = –2.2 A
Pulsed
VGS - Gate to Source Voltage - V


同様の部品番号 - N0302P-T1-AT

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
N0302P RENESAS-N0302P Datasheet
263Kb / 8P
   MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
N0302P VBSEMI-N0302P Datasheet
494Kb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
Renesas Technology Corp
N0302P RENESAS-N0302P_15 Datasheet
263Kb / 8P
   MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

同様の説明 - N0302P-T1-AT

メーカー部品番号データシート部品情報
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com