データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM110N06-08P データシート(PDF) 2 Page - Analog Power

部品番号 AM110N06-08P
部品情報  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM110N06-08P データシート(HTML) 2 Page - Analog Power

  AM110N06-08P Datasheet HTML 1Page - Analog Power AM110N06-08P Datasheet HTML 2Page - Analog Power AM110N06-08P Datasheet HTML 3Page - Analog Power AM110N06-08P Datasheet HTML 4Page - Analog Power AM110N06-08P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Analog Power
AM110N06-08P
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
1
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
VDS = 48 V, VGS = 0 V
1
VDS = 48 V, VGS = 0 V, TJ = 55°C
25
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 10 V
110
A
VGS = 10 V, ID = 30 A
8
VGS = 4.5 V, ID = 20 A
13
Forward Transconductance
gfs
VDS = 15 V, ID = 20 A
40
S
Diode Forward Voltage
VSD
IS = 55 A, VGS = 0 V
1.1
V
Total Gate Charge
Qg
64
Gate-Source Charge
Qgs
28
Gate-Drain Charge
Qgd
36
Turn-On Delay Time
td(on)
35
Rise Time
tr
60
Turn-Off Delay Time
td(off)
174
Fall Time
tf
52
Input Capacitance
Ciss
9289
Output Capacitance
Coss
572
Reverse Transfer Capacitance
Crss
555
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
nC
VDS = 30 V, RL = 1.5 Ω, ID = 20 A,
VGEN = 10 V, RGEN = 6 Ω
VDS = 30 V, VGS = 4.5 V, ID = 20 A
pF
VDS = 15 V, VGS = 0 V, f = 1 MHz
Drain-Source On-Resistance
Dynamic
rDS(on)
Zero Gate Voltage Drain Current
Static
uA
Electrical Characteristics
IDSS
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out
of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary
in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each
customer application by customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL
products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APL product could create a situation
where personal injury or death may occur. Should Buyer purchase or use APL products for any such unintended or unauthorized application,
Buyer shall indemnify and hold APL and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs,
damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated
with such unintended or unauthorized use, even if such claim alleges that APL was negligent regarding the design or manufacture of the part.
APL is an Equal Opportunity/Affirmative Action Employer.
ns
© Preliminary
2
Publication Order Number:
DS_AM110N06-08P_1A


同様の部品番号 - AM110N06-08P

メーカー部品番号データシート部品情報
logo
SHENZHEN DOINGTER SEMIC...
AM110N06-08P DOINGTER-AM110N06-08P Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
More results

同様の説明 - AM110N06-08P

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com