データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3490NE データシート(PDF) 1 Page - Analog Power

部品番号 AM3490NE
部品情報  N-Channel 150-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3490NE データシート(HTML) 1 Page - Analog Power

  AM3490NE Datasheet HTML 1Page - Analog Power AM3490NE Datasheet HTML 2Page - Analog Power AM3490NE Datasheet HTML 3Page - Analog Power AM3490NE Datasheet HTML 4Page - Analog Power AM3490NE Datasheet HTML 5Page - Analog Power AM3490NE Datasheet HTML 6Page - Analog Power AM3490NE Datasheet HTML 7Page - Analog Power AM3490NE Datasheet HTML 8Page - Analog Power AM3490NE Datasheet HTML 9Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Analog Power
AM3490NE
N-Channel 150-V (D-S) MOSFET
VDS (V)
ID(A)
1.2
1
Symbol
Limit
Units
VDS
150
VGS
±20
TA=25°C
1.2
TA=70°C
1
IDM
±10
IS
2.5
A
TA=25°C
2
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Maximum Junction-to-Ambient
a
t <= 10 sec
Steady State
THERMAL RESISTANCE RATINGS
°C/W
Parameter
RθJA
PRODUCT SUMMARY
150
rDS(on) (mΩ)
700 @ VGS = 10V
A
ID
Operating Junction and Storage Temperature Range
PD
W
Power Dissipation
a
Continuous Source Current (Diode Conduction)
a
Pulsed Drain Current
b
Continuous Drain Current
a
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
1200 @ VGS = 4.5V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM3490NE_1A


同様の部品番号 - AM3490NE

メーカー部品番号データシート部品情報
logo
Analog Power
AM3490N ANALOGPOWER-AM3490N Datasheet
367Kb / 5P
   N-Channel 150-V (D-S) MOSFET
More results

同様の説明 - AM3490NE

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIR838DP VISHAY-SIR838DP Datasheet
118Kb / 7P
   N-Channel 150 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
Analog Power
AM20N15-250B ANALOGPOWER-AM20N15-250B Datasheet
369Kb / 5P
   N-Channel 150-V (D-S) MOSFET
AM90N15-16B ANALOGPOWER-AM90N15-16B Datasheet
332Kb / 5P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SIR622DP VISHAY-SIR622DP Datasheet
422Kb / 13P
   N-Channel 150 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N15-20P ANALOGPOWER-AM90N15-20P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
Vishay Siliconix
SI7846DP-T1-GE3 VISHAY-SI7846DP-T1-GE3 Datasheet
148Kb / 8P
   N-Channel 150-V (D-S) MOSFET
Rev. F, 06-Apr-09
SI7898DP VISHAY-SI7898DP_06 Datasheet
198Kb / 4P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4488DY VISHAY-SI4488DY Datasheet
45Kb / 5P
   N-Channel 150-V (D-S) MOSFET
Rev. B, 26-May-03
logo
Analog Power
AM70N15-40P ANALOGPOWER-AM70N15-40P Datasheet
123Kb / 3P
   N-Channel 150-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM1158N VBSEMI-VBM1158N Datasheet
658Kb / 8P
   N-Channel 150 V (D-S) MOSFET
15T15GH-HF VBSEMI-15T15GH-HF Datasheet
1Mb / 9P
   N-Channel 150 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com