データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AZP52 データシート(PDF) 6 Page - Arizona Microtek, Inc

部品番号 AZP52
部品情報  Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZM [Arizona Microtek, Inc]
ホームページ  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP52 データシート(HTML) 6 Page - Arizona Microtek, Inc

  AZP52 Datasheet HTML 1Page - Arizona Microtek, Inc AZP52 Datasheet HTML 2Page - Arizona Microtek, Inc AZP52 Datasheet HTML 3Page - Arizona Microtek, Inc AZP52 Datasheet HTML 4Page - Arizona Microtek, Inc AZP52 Datasheet HTML 5Page - Arizona Microtek, Inc AZP52 Datasheet HTML 6Page - Arizona Microtek, Inc AZP52 Datasheet HTML 7Page - Arizona Microtek, Inc AZP52 Datasheet HTML 8Page - Arizona Microtek, Inc AZP52 Datasheet HTML 9Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Arizona Microtek, Inc.
AZP52
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
May 2012, Rev 2.1
EVALUATION BOARD (EBP53)
Arizona Microtek’s evaluation board EBP53 provides the most convenient way to test and prototype AZP52 series
circuits. Built for the AZP53Q 1.5x1.0 mm package, it is designed to support both dual and single supply operation. Dual
supply operation (VDD=+2.0V, VSS=-1.3V) enables direct coupling to 50Ω time domain test equipment (Figure 7).
VDD (+2.0 V)
Vbp
M1
M2
M3
M4
D
Vbn
M5
21.1mA
21.1mA
16mA
Q
Q
50
50
21.1mA - High
5.1mA - Low
Test
Equipment
Terminations
Output
Stage
VSS (-1.3 V)
Figure 7 - Split Supply LVPECL Output Termination
AC TERMINATION
Clock applications or phase noise/frequency domain testing scenarios typically require AC coupling. Figure 8 below
shows the AC coupling technique. The 200
Ω resistors form the required DC loads, and the 50Ω resistors provide the AC
termination. The parallel combination of the 200
Ω and 50Ω resistors results in a net 40Ω AC load termination. In many
cases this will work well. If necessary, the 50
Ω resistors can be increased to about 56Ω. Alternately, bias tees combined
with current setting resistors will eliminate the lowered AC load impedance. The 50
Ω resistors are typically connected to
ground but can be connected to the bias level needed by the succeeding stage.


同様の部品番号 - AZP52

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZP52 AZM-AZP52 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52SG AZM-AZP52SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52SG AZM-AZP52SG Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
More results

同様の説明 - AZP52

メーカー部品番号データシート部品情報
logo
Arizona Microtek, Inc
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP53 AZM-AZP53 Datasheet
580Kb / 13P
   Low Phase Noise Sine Wave/CMOS
logo
MICORO CRYSTAL SWITZERL...
SCOCXOHS MICROCRYSTAL-SCOCXOHS_17 Datasheet
329Kb / 3P
   Sine Wave Output 10 to 120MHz Low phase noise
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com