データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N50L-TA3-T データシート(PDF) 1 Page - Unisonic Technologies

部品番号 6N50L-TA3-T
部品情報  6A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N50L-TA3-T データシート(HTML) 1 Page - Unisonic Technologies

  6N50L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 6N50L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N50
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-526.b
6A, 500V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N50 is an N-channel mode power MOSFET using
UTC’s advanced technology to provide customers with planar stripe
and DMOS technology. This technology allows a minimum on-state
resistance and superior switching performance. It also can withstand
high energy pulse in the avalanche and commutation mode.
The UTC 6N50 is generally applied in high efficiency switch mode
power supplies, active power factor correction and electronic lamp
ballasts based on half bridge topology.
FEATURES
* VDS = 500V
* ID = 6A
* RDS(ON)=1.15Ω @ VGS=10V
* High Switching Speed
* 100% Avalanche Tested
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
TO-220F
1
1
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
6N50L-TA3-T
6N50G-TA3-T
TO-220
G
D
S
Tube
6N50L-TF3-T
6N50G-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain
S: Source


同様の部品番号 - 6N50L-TA3-T

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
6N50L-TA3-T UTC-6N50L-TA3-T Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

同様の説明 - 6N50L-TA3-T

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDPF7N50F FAIRCHILD-FDPF7N50F Datasheet
549Kb / 9P
   N-Channel MOSFET, FRFET 500V, 6A, 1.15OHM
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com