データシートサーチシステム |
|
LM2954 データシート(PDF) 6 Page - Unisonic Technologies |
|
LM2954 データシート(HTML) 6 Page - Unisonic Technologies |
6 / 7 page LM2954 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 7 www.unisonic.com.tw QW-R102-002.H ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN. TYP. MAX. UNIT ERROR COMPARATOR Output Leakage Current IO(LEAK) VOH=30V 1 μA Output Low Voltage VOL VIN=4.5V, IOL=400μA 250 mV Upper Threshold Voltage VTHD(UP) (Note 3) 3.2 %VOUT Lower Threshold Voltage VTHD(LOW) (Note 3) 7.6 %VOUT Hysteresis VHYS (Note 3) 15 mV SHUTDOWN INPUT Input Logic Voltage VI(LOG) Low (Regulator ON) 1.3 0.70 V High (Regulator OFF) 2.0 Shutdown Pin Input Current II(SHDN) VSHDN=2.4V 30 50 μA VSHDN=30V 450 600 μA Regulator Output Current Shutdown IO(SHDN) VSHDN≧2V,VIN≦30V, VOUT=0, Feedback pin tied to 5V Tap. 3 10 μA Note 1: Additional conditions for 8-pin versions are feedback tied to 5V Tap an Output tied to Output Sense (VOUT=5V) and VSHDN≦0.8V. Note 2: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V differential. Note 3: Comparator thresholds are expressed in terms of percentage value of voltage output. |
同様の部品番号 - LM2954 |
|
同様の説明 - LM2954 |