データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MMBT9018 データシート(PDF) 2 Page - Unisonic Technologies

部品番号 MMBT9018
部品情報  AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MMBT9018 データシート(HTML) 2 Page - Unisonic Technologies

  MMBT9018_10 Datasheet HTML 1Page - Unisonic Technologies MMBT9018_10 Datasheet HTML 2Page - Unisonic Technologies MMBT9018_10 Datasheet HTML 3Page - Unisonic Technologies MMBT9018_10 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBT9018
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R206-032.C
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
15
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
50
mA
SOT-23
225
mW
Collector Power Dissipation
SOT-523
Pc
150
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100uA, IE=0
30
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=1mA, IB=0
15
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100uA, Ic=0
5
V
Collector Cut-Off Current
ICBO
VCB=12V, IE=0
50
nA
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=10mA, IB=1mA
0.5
V
DC Current Gain
hFE
VCE=5V, IC=1mA
28
100
198
Current Gain Bandwidth Product
fT
VCE=5V, IC=5mA
700
1100
MHz
Output Capacitance
COB
VCB=10V, IE=0, f=1MHz
1.3
1.7
pF
CLASSIFICATION of hFE
RANK
D
E
F
G
H
I
J
RANGE
28-45
39-60
54-80
72-108
97-146
132-198
180-265


同様の部品番号 - MMBT9018_10

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
MMBT9018 UTC-MMBT9018_15 Datasheet
108Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
More results

同様の説明 - MMBT9018_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SS9018 FAIRCHILD-SS9018 Datasheet
40Kb / 4P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
MAKO SEMICONDUCTOR CO.,...
S9018 MAKOSEMI-S9018 Datasheet
114Kb / 3P
   AM/FM Amplifier, Local Oscillator of FM/VHF Tuner
logo
Unisonic Technologies
9018 UTC-9018 Datasheet
67Kb / 2P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
MMBT9018 UTC-MMBT9018_15 Datasheet
108Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
9018 UTC-9018_15 Datasheet
118Kb / 4P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
List of Unclassifed Man...
S9018 ETC-S9018 Datasheet
36Kb / 1P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
2SC9018 ETC-2SC9018 Datasheet
73Kb / 2P
   AM/FM IF AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER
logo
Unisonic Technologies
MMBT9018 UTC-MMBT9018 Datasheet
104Kb / 3P
   AM/FM AMPLIFIER, LOCAL OSCILLATOR OF FM/VHF TUNER NPN EPITAXIAL PLANAR TRANSISTOR
logo
E-Tech Electronics LTD
G9018 ETL-G9018 Datasheet
170Kb / 2P
   The G9018 is designed for use in AM/FM amplifier and local oscillator of FM/VHF tuner
logo
Panasonic Semiconductor
AN7222N PANASONIC-AN7222N Datasheet
307Kb / 5P
   AM Tuner, FM-AM IF Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com