データシートサーチシステム |
|
TDA2030AL-TA5-T データシート(PDF) 2 Page - Unisonic Technologies |
|
TDA2030AL-TA5-T データシート(HTML) 2 Page - Unisonic Technologies |
2 / 14 page TDA2030A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 14 www.unisonic.com.tw QW-R107-005,C ABSOLUTE MAXIMUM RATINGS (Ta=25°C) PARAMETER SYMBOL RATINGS UNIT Supply Voltage Vs ±22 V Input Voltage VIN Vs V Differential Input Voltage VI(DIFF) ±15 V Peak Output Current(internally limited) IOUT 3.5 A Total Power Dissipation at Tc=90 °C PD 20 W Junction Temperature TJ -40 ~ +150 °C Storage Temperature TSTG -40 ~ +150 °C Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Vs =±16V, Ta=25°C) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Supply Voltage Vs ±6 ±22 V Quiescent Drain Current IQ 50 80 mA Input Bias Current II(BIAS) 0.2 2 µA Input Offset Voltage VI(OFF) ±2 ±20 mV Input Offset Current II(OFF) Vs= ±22V ±20 ±200 nA Power Bandwidth BW POUT =15W,RL=4Ω 100 KHz RL=4Ω 15 18 W RL=8Ω 10 12 W Output Power POUT d=0.5%,Gv=26dB, f=40Hz to 15KHz Vs=±19V, RL=8Ω 13 16 W Open Loop Voltage Gain Gvo 80 dB Closed Loop Voltage Gain Gvc f=1kHz 25.5 26 26.5 dB POUT =0.1 to 14W, RL=4Ω f=40Hz to 15KHz 0.08 % POUT =0.1 to 14W, RL=4Ω f=1kHz 0.03 % Distortion d POUT =0.1 to 9W, RL=8Ω f=40Hz to 15KHz 0.5 % Second Order CCIF Intermodulation distortion d2 POUT =4W, RL=4Ω f2-f1=1KHz 0.03 % Third Order CCIF Intermodulation Distortion d3 f1=14KHz, f2=15KHz 0.08 % Slew rate SR 8 V/ µ sec POUT =15W 106 dB Signal to Noise Ratio S/N RL=4Ω, Rg=10kΩ, B=curve A POUT =1W 94 dB Input Noise Voltage eN B=curve A B= 22Hz to 22KHz 2 3 10 µV Input Noise Current iN B=curve A B= 22Hz to 22KHz 50 80 200 pA Input Resistance (pin 1) RIN Open loop, f=1KHz 0.5 5 M Ω Supply Voltage Rejection SVR RL=4Ω, Gv=26dB Rg=22K Ω, f=100Hz 54 dB Thermal Shut-Down Junction Temperature TJ 145 °C |
同様の部品番号 - TDA2030AL-TA5-T |
|
同様の説明 - TDA2030AL-TA5-T |