データシートサーチシステム |
|
L-12221 データシート(PDF) 3 Page - Rhombus Industries Inc. |
|
L-12221 データシート(HTML) 3 Page - Rhombus Industries Inc. |
3 / 5 page For other values & Custom Designs, contact factory. Specifications subject to change without notice. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 • Fax: (714) 896-0971 Rhombus Industries Inc. Flammability: Materials used in the production of these units are UL94-VO and meet requirements of IEC 695-2-2 needle flame test. www.rhombus-ind.com Pre-Tinned Leads Center hole for mechanical mounting Coils finished with Polyolefin Shrink Tube Test Frequency 1 kHz A B C D .750" TYP. L DCR I Lead Part + 20% Nom. Max. Size Pkg. Number ( µH ) ( mΩ ) ( A ) AWG Code L-12470 18 5 24.0 14 6 L-12471 30 13 18.0 15 6 L-12472 50 25 15.0 16 6 L-12473 80 33 13.2 17 6 L-12474 120 36 13.0 17 6 L-12475 200 57 10.1 18 6 L-12478 300 85 8.0 19 6 L-12480 450 136 6.1 20 6 L-12481 680 170 6.0 20 6 L-12235 40 13 24.5 14 7 L-12236 60 19 18.0 15 7 L-12237 100 28 16.0 15 7 L-12239 150 38 13.5 16 7 L-12242 250 73 11.0 18 7 L-12243 380 86 8.5 18 7 L-12245 580 120 6.0 20 7 L-12247 880 200 5.4 20 7 L-12490 45 12 25.0 14 8 L-12492 70 18 18.8 15 8 L-12493 120 35 13.9 16 8 L-12495 185 50 12.0 17 8 L-12497 280 78 9.5 18 8 L-12500 450 130 7.5 19 8 L-12503 700 198 4.1 20 8 Power Line Chokes Drum Core Style Applications Power Amplifiers Filters Power Supplies SCR and Triac Controls Speaker Crossover Networks RFI Suppression Pkg. ( Dimensions in inches ) Code A B C D 6 0.949 0.795 0.187 0.126 7 0.955 0.975 0.187 0.126 8 1.100 0.805 0.237 0.175 |
同様の部品番号 - L-12221 |
|
同様の説明 - L-12221 |