データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC3550 データシート(PDF) 6 Page - Unisonic Technologies

部品番号 UC3550
部品情報  PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550 データシート(HTML) 6 Page - Unisonic Technologies

  UC3550 Datasheet HTML 1Page - Unisonic Technologies UC3550 Datasheet HTML 2Page - Unisonic Technologies UC3550 Datasheet HTML 3Page - Unisonic Technologies UC3550 Datasheet HTML 4Page - Unisonic Technologies UC3550 Datasheet HTML 5Page - Unisonic Technologies UC3550 Datasheet HTML 6Page - Unisonic Technologies UC3550 Datasheet HTML 7Page - Unisonic Technologies UC3550 Datasheet HTML 8Page - Unisonic Technologies UC3550 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-082,C
EXTERNAL COMPONENT SELECTION
Inductor Selection
An inductor value of 10uH performs well in most application. The UC3550 series also work with inductors in the
4.7uH to 12uH range. An inductor with higher peak inductor current tends a higher output voltage ripple(IPEAK x
output filter capacitor ESR). The inductor’s DC resistance significantly affects efficiency.
Output Capacitor Selection
The output ripple voltage(IPEAK x output filter capacitor ESR)is the product of the peak inductor current and the
output capacitor Equivalent Series Resistance (ESR). Best performances are obtained with good high frequency
characteristics capacitors and low ESR. The best compromise for the value of the Output Capacitance is 220F
Tantalum Capacitor. The output capacitor as close as possible to the device pins.
Input Capacitor Selection
The Input Capacitor is required to compensate, if present, the series impedance between the Supply Voltage
Source and the Input Voltage of the Application. A value of 10 F is enough to guarantee stability for distances less
 
than 2". In any case we suggest to connect both capacitors, The input capacitor as close as possible to the device
pins.
Diode Selection
The Schottky diode with an high switching speed and a very low Forward Voltage (VF) is needed. Higher VF may
cause lost power as heat in the diode, with a decrease of the Efficiency. Moreover, since the Output Voltage pin is
also used as the device Supply Voltage, the Start-up Voltage (see related plots) is strictly due to the diode Forward
Voltage at the rated Forward Current.
External Component Selection
An enhancement N-channel MOSFET or a bipolar NPN transistor can be used as the external switch transistor.
since enhancement N-channel MOSFET is a voltage driven device, it is a more efficient switch than a BJT transistor.
However, he MOSFET requires a higher voltage to turn on as compared with BJT transistor
For enhancement N-channel MOSFET ( it is especially importance for RDS(ON),typically<0.1Ω, threshold voltage,
VGS(TH) must be<VOUT, typically<1.5V.
For bipolar NPN transistor, continuous collector current typically 1A to 4A and VCE(SAT)<0.2V. the driving capability
is determined by the DC current gain, HFE, of the transistor and the base resistor, RB. Moreover, a speed-up
capacitor, CB should be connected in paralled with RB to reduce switch loss and improve efficiency.


同様の部品番号 - UC3550

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550-33-AF5-R UTC-UC3550-33-AF5-R Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550-50-AF5-R UTC-UC3550-50-AF5-R Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550-XX-AF5-R UTC-UC3550-XX-AF5-R Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
More results

同様の説明 - UC3550

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_15 Datasheet
386Kb / 11P
   PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com