データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LA3336-SV データシート(PDF) 5 Page - Siemens Semiconductor Group

部品番号 LA3336-SV
部品情報  Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LA3336-SV データシート(HTML) 5 Page - Siemens Semiconductor Group

  LA3336-SV Datasheet HTML 1Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 2Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 3Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 4Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 5Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 6Page - Siemens Semiconductor Group LA3336-SV Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Semiconductor Group
5
1998-09-18
Relative spektrale Emission
I
rel = f (
λ), T
A = 25 ˚C, IF = 20 mA
Relative spectral emission
V (
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation characteristic
OHL00235
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
Ι
rel
λ
Vλ
yellow
orange
amber
super-red
0.8
100
1.0
80
90
70
0.4
0.6
0
0
0.2
0.4
60
50
40
30
20
0.6
0.8
10
1.0
φ
0
100
20
40
80
60
120
OHL01646
LS 3336, LA 3336, LO 3336, LY 3336


同様の部品番号 - LA3336-SV

メーカー部品番号データシート部品情報
logo
LIGITEK electronics co....
LA3330 LIGITEK-LA3330 Datasheet
1Mb / 5P
   ROUND TYPE LED LAMPS
LA3331-PF LIGITEK-LA3331-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
logo
Sanyo Semicon Device
LA3335 SANYO-LA3335 Datasheet
107Kb / 6P
   PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
LA3335M SANYO-LA3335M Datasheet
107Kb / 6P
   PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
More results

同様の説明 - LA3336-SV

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LW3333 OSRAM-LW3333 Datasheet
198Kb / 12P
   Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LSK376 SIEMENS-LSK376 Datasheet
364Kb / 7P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1 LED, Non Diffused
LS3366 SIEMENS-LS3366 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright LED
LS5436 SIEMENS-LS5436 Datasheet
64Kb / 6P
   Hyper 5 mm T1 LED, Non Diffused Hyper-Bright LED
logo
OSRAM GmbH
LB5433 OSRAM-LB5433 Datasheet
121Kb / 11P
   Hyper 5 mm (T1 쩐) LED, Non Diffused Hyper-Bright LED
logo
Siemens Semiconductor G...
LHK376 SIEMENS-LHK376 Datasheet
245Kb / 6P
   Hyper ARGUS LED Hyper-Bright, 3 mm T1, TS GaAIAs LED, Non Diffused
LS3386 SIEMENS-LS3386 Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Diffused Hyper-Bright, Wide-Angle LED
LH3344 SIEMENS-LH3344 Datasheet
283Kb / 7P
   3 mm (T1) LED, Non Diffused, Super-Bright, Hyper-Red GaAIAs-LED
LH3364 SIEMENS-LH3364 Datasheet
280Kb / 7P
   3 mm T1 LED, Diffused Super-Bright, Hyper-Red GaAIAs-LED
LH5424 SIEMENS-LH5424 Datasheet
284Kb / 7P
   5 mm T1 3/4 LED, Non Diffused Super-Bright, Hyper-Red GaAIAs-LED
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com