データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N139S(TA)-V データシート(PDF) 2 Page - Everlight Electronics Co., Ltd

部品番号 6N139S(TA)-V
部品情報  8 PIN DIP LOW INPUT CURRENT HIGH GAIN
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

6N139S(TA)-V データシート(HTML) 2 Page - Everlight Electronics Co., Ltd

  6N139S(TA)-V Datasheet HTML 1Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 2Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 3Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 4Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 5Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 6Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 7Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 8Page - Everlight Electronics Co., Ltd 6N139S(TA)-V Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
8 PIN DIP LOW INPUT CURRENT HIGH GAIN
SPLIT DARLINGTON PHOTOCOUPLER
Everlight Electronics Co., Ltd.
2
http://www.everlight.com
Document No:DPC-0000019
Rev.2
February 23, 2009
6N138 6N139
Absolute Maximum Ratings (Ta=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Forward current
IF
20
mA
Peak forward current
(50% duty, 1ms P.W)
IFP
40
mA
Peak transient current
(
≤1μs P.W, 300pps)
IFtrans
1
A
Reverse voltage
VR
5
V
Input
Power dissipation
PIN
45
mW
Power dissipation
PO
100
mW
Output current
IO
60
mA
Emitter-Base Reverse Voltage
VER
0.5
V
6N138
-0.5 to 7
V
Output voltage
6N139
VO
-0.5 to 18
V
6N138
-0.5 to 7
V
Output
Supply voltage
6N139
VCC
-0.5 to 18
V
Isolation voltage
*1
VISO
5000
V rms
Operating temperature
TOPR
-40 ~ +85
°C
Storage temperature
TSTG
-55 ~ +125
°C
Soldering temperature
*2
TSOL
260
°C
Notes
*1 AC for 1 minute, R.H.= 40 ~ 60% R.H. In this test, pins 1, 2, 3, 4 are shorted together, and pins 5, 6, 7, 8
are shorted together.
*2 For 10 seconds.


同様の部品番号 - 6N139S(TA)-V

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N139S FAIRCHILD-6N139S Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N139S FAIRCHILD-6N139S Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
CT Micro International ...
6N139S CTMICRO-6N139S Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
Guangdong Youtai Semico...
6N139S UMW-6N139S Datasheet
1Mb / 11P
   Darlington High Speed Transistor Photo Coupler
logo
Fairchild Semiconductor
6N139SD FAIRCHILD-6N139SD Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results

同様の説明 - 6N139S(TA)-V

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
6N138 EVERLIGHT-6N138_13 Datasheet
1Mb / 14P
   8 PIN DIP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
EL0700 EVERLIGHT-EL0700 Datasheet
1Mb / 13P
   8 PIN SOP LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON PHOTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Siemens Semiconductor G...
6N138 SIEMENS-6N138 Datasheet
32Kb / 2P
   LOW INPUT CURRENT, HIGH GAIN OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Motorola, Inc
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
   6-Pin DIP Optoisolators Darlington Output(Low Input Current)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com