データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N4001-G データシート(PDF) 2 Page - Comchip Technology

部品番号 1N4001-G
部品情報  General Purpose Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

1N4001-G データシート(HTML) 2 Page - Comchip Technology

  1N4001-G Datasheet HTML 1Page - Comchip Technology 1N4001-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
QW-BG013
General Purpose Silicon Rectifiers
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves ( 1N4001
)
-G Thru.
4007-G
1N
Fig.2 Maximum. Non-Repetitive Peak
Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1 Typical Forward Current
Derating Curve
O
TA, Ambient Temperature (
C)
0
25
75
175
Fig.3 Typical Instantaneous Forward
Characteristics
0.01
VF, Instantaneous Forward Voltage (V)
1.0
0.6
1.0
1.4
0
0.6
1.0
1.6
2.0
100
15
35
1.2
0.1
Fig.4 Typical Reverse Characteristics
0.01
Percent of Peak Reverse Voltage (%)
1.0
10
0.1
100
125
0.4
0.8
0.8
1.8
Fig.5 Typical Junction Capacitance
10
VR, Reverse Voltage (V)
100
0.1
10
100
10
50
150
0.2
10
5
10
25
30
1.2
0
40
80
100
140
20
120
60
1
Single phase
Half wave, 60Hz
Resistive or
inductive load
20
8.3mS, single half
sine-wave, JEDEC
method.
TJ=TJmax
10
O
TJ=100 C
TJ=25
OC
f=1MHz
O
TJ=25 C
20
50
2
5
Pulse width=300μs.
1% duty cycle
O
TJ=25 C


同様の部品番号 - 1N4001-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
1N4001-G COMCHIP-1N4001-G Datasheet
97Kb / 2P
   General Purpose Rectifier
1N4001-G COMCHIP-1N4001-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
More results

同様の説明 - 1N4001-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
A1N4007G-G COMCHIP-A1N4007G-G Datasheet
81Kb / 3P
   General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
S1ABF-PJ PJSEMI-S1ABF-PJ Datasheet
483Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIERS
logo
Semtech Corporation
1N4245 SEMTECH-1N4245 Datasheet
87Kb / 2P
   General Purpose Silicon Rectifiers
logo
Comchip Technology
1N4007T-G COMCHIP-1N4007T-G Datasheet
61Kb / 2P
   General Purpose Silicon Rectifiers
6A005-G COMCHIP-6A005-G Datasheet
66Kb / 3P
   General Purpose Silicon Rectifiers
A1N5404G-G COMCHIP-A1N5404G-G Datasheet
85Kb / 4P
   General Purpose Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
1N5391S SEMTECH_ELEC-1N5391S Datasheet
178Kb / 2P
   GENERAL PURPOSE PLASTIC SILICON RECTIFIERS
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com