データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBQR70-HF データシート(PDF) 1 Page - Comchip Technology

部品番号 CDBQR70-HF
部品情報  SMD Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBQR70-HF データシート(HTML) 1 Page - Comchip Technology

  CDBQR70-HF Datasheet HTML 1Page - Comchip Technology CDBQR70-HF Datasheet HTML 2Page - Comchip Technology CDBQR70-HF Datasheet HTML 3Page - Comchip Technology CDBQR70-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBQR70-HF
SMD Schottky Barrier Diode
Page 1
QW-G1103
REV:B
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Conditions
Min
Max Unit
Forward voltage
IF = 15mA
IF = 1mA
VF
V
1
0.41
Reverse current
IR
uA
VR = 50V
Capacitance between terminals
Reverse recovery time
f = 1 MHz, and 0 VDC reverse voltage
IF=IR=10mA,Irr=0.1xIR,RL=100 Ohm
CT
Trr
pF
nS
5
2
0.1
O
Maximum Rating (at TA=25 C unless otherwise noted)
Typ
IO
VR(RMS)
VR
VRM
Average forward rectified current
Reverse voltage
Peak reverse voltage
Symbol
Parameter
Conditions
Min
Max Unit
RMS reverse voltage
mA
V
V
V
70
49
70
70
IFSM
Forward current,surge peak
8.3 ms single half sine-wave superimposed
on rate load(JEDEC method)
A
0.1
PD
Power dissipation
mW
125
OC
+125
TSTG
Tj
Storage temperature
Junction temperature
OC
+125
-65
Comchip Technology CO., LTD.
0.041(1.05)
0.037(0.95)
0.026(0.65)
0.022(0.55)
Dimensions in inches and (millimeter)
0.020(0.50) Typ.
0.022(0.55)
0.018(0.45)
0.012(0.30) Typ.
0402/SOD-923F
Features
-Low forward voltage.
-Designed for mounting on small surface.
-Extremely thin/leadless package.
-Majority carrier conduction.
Mechanical data
-Case: 0402/SOD-923F standard package,
molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Marking Code: Cathode band & BG
-Mounting position: Any
-Weight: 0.001 gram(approx.).
Io = 70 mA
VR = 70 Volts
RoHS Device
Halogen Free


同様の部品番号 - CDBQR70-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBQR70-HF COMCHIP-CDBQR70-HF Datasheet
194Kb / 4P
   SMD Schottky Barrier Diode
More results

同様の説明 - CDBQR70-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com