データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS3001 データシート(PDF) 8 Page - Touchstone Semiconductor Inc

部品番号 TS3001
部品情報  A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOUCHSTONE [Touchstone Semiconductor Inc]
ホームページ  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3001 データシート(HTML) 8 Page - Touchstone Semiconductor Inc

Back Button TS3001 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 9Page - Touchstone Semiconductor Inc TS3001 Datasheet HTML 10Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TS3001
Page 8
TS3001DS r1p0
RTFDS
APPLICATIONS INFORMATION
Minimizing Power Consumption
To keep the TS3001
’s power consumption low,
resistive loads at the FOUT and PWMOUT terminals
increase dc power consumption and therefore should
be as large as possible. Capacitive loads at the
FOUT
and
PWMOUT
terminals
increase
the
TS3001
’s transient power consumption and, as well,
should be as small as possible.
One challenge to minimizing the TS3001
’s transient
power consumption is the probe capacitance of
oscilloscopes and frequency counter instruments.
Most instruments exhibit an input capacitance of
15pF or more. Unless buffered, the increase in
transient load current can be as much as 400nA.
To minimize capacitive loading, the technique shown
in Figure 1 can be used. In this circuit, the principle of
series-connected capacitors can be used to reduce
the effective capacitive load at the TS3001
’s FOUT
and PWMOUT terminals.
To determine the optimal value for CEXT once the
probe capacitance is known by simply solving for
CEXT using the following expression:
C T =
1
1
CLOA ( FF)
1
CPRO
For example, if the instrument’s input probe
capacitance is 15pF and the desired effective load
capacitance at either or both FOUT and PWMOUT
terminals is to be
≤5pF, then the value of C
EXT should
be
≤7.5pF.
TS3001 Start-up Time
As the TS3001 is powered up, its FOUT terminal
(and PWMOUT terminal, if enabled) is active once
the applied VDD is higher than 0.9 volt. Once the
applied VDD is higher than 0.9 volt, the master
oscillator
achieves
steady-state operation
within
1.2ms.
Current- and Voltage-Controlled Oscillators
The
TS3001
can
be
configured
into
a
Current-Controlled Oscillator as shown in Figure 2.
With a current source sourcing a current of 223nA to
262nA, FOUT can generate an output signal with a
frequency range of 5.2kHz to 90kHz. In a similar
manner, a Voltage-Controlled Oscillator can be
configured as shown in Figure 3. In this case, a
voltage source sourcing a voltage of 290mV to
341mV
can
generate
an
FOUT
output
signal
frequency range of 5.2kHz to 90kHz as well. It is
recommended to use resistor values with a 1%
tolerance.
Figure 1: Using an External Capacitor in Series with
Probes Reduces Effective Capacitive Load.
Figure 2: Configuring the TS3001 into a
Current-Controlled Oscillator.
Figure 3: Configuring the TS3001 into a
Voltage-Controlled Oscillator.


同様の部品番号 - TS3001

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011-M000 SEMTECH-TS30011-M000 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

同様の説明 - TS3001

メーカー部品番号データシート部品情報
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
logo
Silicon Laboratories
TS3001 SILABS-TS3001 Datasheet
1Mb / 11P
   Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
TS3002 SILABS-TS3002 Datasheet
1Mb / 13P
   Easy-to-Use Silicon Oscillator/Timer
logo
Semtech Corporation
SX8122 SEMTECH-SX8122 Datasheet
537Kb / 16P
   1V Motor/LED timer
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
GPES209B1 GENERALPLUS-GPES209B1 Datasheet
277Kb / 13P
   Easy-to-use SOUNDPLUS
GPES240B2 GENERALPLUS-GPES240B2 Datasheet
390Kb / 14P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com