データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SDA5642-6X データシート(PDF) 8 Page - Siemens Semiconductor Group

部品番号 SDA5642-6X
部品情報  VPS-Decoder
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA5642-6X データシート(HTML) 8 Page - Siemens Semiconductor Group

Back Button SDA5642-6X Datasheet HTML 4Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 5Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 6Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 7Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 8Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 9Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 10Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 11Page - Siemens Semiconductor Group SDA5642-6X Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SDA 5642-6/X
Semiconductor Group
8
02.97
2
System Description
2.1
Functions
Referring to the functional block diagram of the VPS decoder, the composite video signal
with negative going sync pulses is coupled to the pin CVBS through a capacitor which is
used for clamping the bottom of the sync pulses to an internally fixed level. The signal is
passed on to the slicer, an analogue circuitry separating the sync and the data parts of
the CVBS signal, thus yielding the digital composite sync signal VCS and a digital data
signal for further processing by comparing those signals to internally generated slicing
levels.
The output of the sync separator is forwarded, on one hand, to the output pin VCS, and
on the other hand, to the clock generator and the timing block. The VCS signal
represents a key signal that is used for deriving a system clock signal by means of a PLL
and all other timing signal.
The data slicer separates the data signal from the CVBS signal by comparing the video
voltage to an internally generated slicing level which is found by averaging the data
signal during TV line no. 16.
The clock generator delivers the system clock needed for the basic timing as well as for
the regeneraton of the dataclock. It is based on two phase locked loops (PLL’s) all parts
of which are integrated on chip with the exception of the loop filter components. Each of
the PLL’s is composed of a voltage controlled relaxation oscillator (VCO), a phase/
frequency detector (PFD), and a charge pump which converts the digital output signals
of the PFD to an analogue current. That current is transformed to a control voltage for
the VCO by the off-chip loop filter. The generated VCO frequency is 10 MHz.
All signals necessary for the control of sync and data slicing as well as for the data
acquisition are generated by the Timing block.
The extracted data bits of TV line no. 16 are checked for biphase errors. With no biphase
errors encountered, the acquired bytes are stored in the transfer register to the I2C Bus.
That transfer is signalled by a H/L transition of the DAVN output.
Data are updated when a new data line has been received, provided that the chip is not
accessed via the I2C Bus at the same time.
A micro controller can read the stored bytes via the I2C-Bus interface at any time.
However, one must be aware that the storage of new data from the acquisition interface
is inhibited as long as the VPS decoder is being accessed via the I2C Bus.


同様の部品番号 - SDA5642-6X

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5648X SIEMENS-SDA5648X Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
SDA5649X SIEMENS-SDA5649X Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
More results

同様の説明 - SDA5642-6X

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
STV5248 STMICROELECTRONICS-STV5248 Datasheet
547Kb / 30P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
NXP Semiconductors
SAA4700T PHILIPS-SAA4700T Datasheet
80Kb / 14P
   VPS dataline processor
March 1991
SAA4700 PHILIPS-SAA4700 Datasheet
65Kb / 12P
   VPS dataline processor
March 1991
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com