データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SB345EA-G データシート(PDF) 3 Page - Comchip Technology

部品番号 SB345EA-G
部品情報  ESD Leaded Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SB345EA-G データシート(HTML) 3 Page - Comchip Technology

  SB345EA-G Datasheet HTML 1Page - Comchip Technology SB345EA-G Datasheet HTML 2Page - Comchip Technology SB345EA-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ESD Leaded Schottky Barrier Rectifiers
Page 3
QW-BB042
REV:A
Comchip Technology CO., LTD.
Marking Code
XXX / XXXX = Product type marking code
SBXXXE
Standard Packaging
Marking Code
Part Number
SB320ET-G
SB340ET-G
SB345ET-G
SB350ET-G
SB360ET-G
SB380ET-G
SB3100ET-G
Packaging
REEL
REEL
REEL
REEL
REEL
REEL
REEL
BULK
BULK
BULK
BULK
BULK
BULK
SB340EB-G
SB345EB-G
SB350EB-G
SB360EB-G
SB380EB-G
SB3100EB-G
SB320E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
1) Suffix code after part number to specify packaging item .
Note:
Packaging
REEL PACK
AMMO PACK
Code
T
A
BULK PACK
B
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
AMMO
SB320EA-G
SB340EA-G
SB345EA-G
SB350EA-G
SB360EA-G
SB380EA-G
SB3100EA-G
SB320E
SB340E
SB345E
SB350E
SB360E
SB380E
SB3100E
BULK
SB320EB-G
SB320E
Case Type
DO-201AD
1,200
REEL
( pcs )
Reel Size
(inch)
13
REEL PACK
Case Type
DO-201AD
1,200
BOX
( pcs )
AMMO PACK
Case Type
DO-201AD
200
BOX
( pcs )
BULK PACK
Comchip
S M D D i o d e S p e c i a l i s t


同様の部品番号 - SB345EA-G

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
SB345 UTC-SB345 Datasheet
133Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Gulf Semiconductor
SB345-A GULFSEMI-SB345-A Datasheet
191Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 3.0A
logo
Comchip Technology
SB345B-G COMCHIP-SB345B-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Unisonic Technologies
SB345G-Z21D-B UTC-SB345G-Z21D-B Datasheet
133Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
SB345L-Z21D-B UTC-SB345L-Z21D-B Datasheet
133Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

同様の説明 - SB345EA-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB220E-G COMCHIP-SB220E-G Datasheet
77Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB520E-G COMCHIP-SB520E-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
SB260E-G COMCHIP-SB260E-G Datasheet
452Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB140E-G COMCHIP-SB140E-G Datasheet
457Kb / 2P
   Low VF/ESD Leaded Schottky Barrier Rectifiers
SB520-G COMCHIP-SB520-G Datasheet
60Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB120-G COMCHIP-SB120-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB220-G COMCHIP-SB220-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
SB320-G COMCHIP-SB320-G Datasheet
59Kb / 3P
   Leaded Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
   5A Leaded Type Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com