データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51916 データシート(PDF) 1 Page - Cyrustek corporation

部品番号 ES51916
部品情報  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51916 データシート(HTML) 1 Page - Cyrustek corporation

  ES51916_11 Datasheet HTML 1Page - Cyrustek corporation ES51916_11 Datasheet HTML 2Page - Cyrustek corporation ES51916_11 Datasheet HTML 3Page - Cyrustek corporation ES51916_11 Datasheet HTML 4Page - Cyrustek corporation ES51916_11 Datasheet HTML 5Page - Cyrustek corporation ES51916_11 Datasheet HTML 6Page - Cyrustek corporation ES51916_11 Datasheet HTML 7Page - Cyrustek corporation ES51916_11 Datasheet HTML 8Page - Cyrustek corporation ES51916_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
v1.2
11/09/06
1
ES51916
11,000 Counts Auto DMM
Features
11,000 counts LCD display
Conversion rate : 4 times/s
Full automatic measurement
*Voltage measurement:
110.00mV – 1000.0V
*Current measurement: μA/mA/A
*Resistance measurement:
110.00Ω – 110.0MΩ
*Frequency counter:
1.1000KHz – 110.00MHz
Current modes for clamp meter
Diode mode & Continuity check
ADP mode with independent reference
voltage
Temperature mode with internal scale
conversion circuit from 0C to 0F
VAHZ function
(Taiwan patent no.: 510502)
Peak Hold with automatic calibration
(Taiwan patent no.: 476418)
Relative function
Zero function in manual DCA mode
Data hold function
MAX/MIN function
SHIFT function
High Crest Factor signal detection
(Taiwan patent no.: 234661)
Band-gap reference voltage output
CE selection
On-chip independent OPAMP
Serial data output (RS232 format)
LCD segment check when power on
Auto power off with idle time selection
Sleep output
Re-power on
On-chip buzzer driver
3V DC power supply
Low battery detection for 3V or 9V battery
Back light function
Description
ES51916 is an integrated analog-to-digital
converter (ADC) with 11,000 counts LCD
display, automatic range selection, and 3V DC
power supply. Automatic range selection is
provided for voltage (AC/DC) measurement,
resistance measurement, current measurement,
and frequency counter. Expensive and bulky
mechanical range switches are not required.
Other features include peak detection with
calibration mode, relative value display,
zero-offset removing feature in manual DCA
mode for clampmeter, data holding, maximum
and minimum holding, diode measurement,
temperature measurement, continuity checking,
low battery detection, auto power off, re-power
on, and RS232 data output.


同様の部品番号 - ES51916_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
More results

同様の説明 - ES51916_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com