データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51981 データシート(PDF) 3 Page - Cyrustek corporation

部品番号 ES51981
部品情報  3 1/2 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 データシート(HTML) 3 Page - Cyrustek corporation

  ES51981_11 Datasheet HTML 1Page - Cyrustek corporation ES51981_11 Datasheet HTML 2Page - Cyrustek corporation ES51981_11 Datasheet HTML 3Page - Cyrustek corporation ES51981_11 Datasheet HTML 4Page - Cyrustek corporation ES51981_11 Datasheet HTML 5Page - Cyrustek corporation ES51981_11 Datasheet HTML 6Page - Cyrustek corporation ES51981_11 Datasheet HTML 7Page - Cyrustek corporation ES51981_11 Datasheet HTML 8Page - Cyrustek corporation ES51981_11 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
11/01/05
3
ES51981
3 1/2 AUTO DMM
Pin Description
Pin No Symbol
Type
Description
1
NC
2
V+
P
Positive supply voltage, output of on-chip DC-DC converter.
3
V+
P
Positive supply voltage, output of on-chip DC-DC converter.
4
NC
5
CL+
IO
High resolution positive connection for reference capacitor.
6
CL-
IO
High resolution negative connection for reference capacitor.
7
CIL
O
High resolution integrator output. Connected to integral capacitor
8
CAZL
O
High resolution auto-zero capacitor connection.
9
BUFL
O
Integral resistor connection for high resolution buffer output
10
IVSH
I
High current measurement input.
11
IVSL
I
Low current measurement input
12
OVX
I
Input high voltage for resistance measurement
13
OVH
I
Output connection for resistance measurement
14
OVSG
I
Sense low voltage for resistance measurement
15
NC
16
OR1
O
Reference resistor connection for 200.0Ω range
17
VR5
O
Voltage measurement ÷10000 attenuator(2000V)
18
VR4
O
Voltage measurement ÷1000 attenuator(200.0V)
19
VR3
O
Voltage measurement ÷100 attenuator(20.00V)
20
VR2
O
Voltage measurement ÷10 attenuator(2.000V)
21
TEST 5
I/O
Test pin
22
ACVL
O
Negative output of AC to DC converter
23
ACVH
O
Positive output of AC to DC converter.
24
NC
25
ADI
I
Negative input of internal AC to DC Opamp.
26
NC
27
ADO
O
Output of internal AC to DC Opamp.
28
NC
29
VRH
O
Output of band-gap voltage reference .Typically –1.2V
30
VR
I
Reference input voltage connection. Typically –100mV
31
VA+
I
For ADP. Deintegrating voltage positive input. The input should
be higher than VA-.
32
VA-
For ADP. Deintegrating voltage negative input. The input should
be lower than VA+.
33
ADP
I
ADP input
34
SGND
G
Signal Ground
35
VR1
I
Measurement input
36
NC
37
VBAR
I
Decimal point control for temperature measurement in ADP mode.
38
NC
39
NC
40
NC
41
NC
42
SLEEP
O
Asserts low in the sleep mode. See page 8, function description
43
NC
44
NC
45
RS232
I
Pulse low to enable serial data output.
46
BKLIT
I
Back light function. Pulse low to set BKOUT pin output
47
SEG15
O
LCD segment line 15
48
NC


同様の部品番号 - ES51981_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
More results

同様の説明 - ES51981_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com