データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51981 データシート(PDF) 9 Page - Cyrustek corporation

部品番号 ES51981
部品情報  3 1/2 AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51981 データシート(HTML) 9 Page - Cyrustek corporation

Back Button ES51981_11 Datasheet HTML 5Page - Cyrustek corporation ES51981_11 Datasheet HTML 6Page - Cyrustek corporation ES51981_11 Datasheet HTML 7Page - Cyrustek corporation ES51981_11 Datasheet HTML 8Page - Cyrustek corporation ES51981_11 Datasheet HTML 9Page - Cyrustek corporation ES51981_11 Datasheet HTML 10Page - Cyrustek corporation ES51981_11 Datasheet HTML 11Page - Cyrustek corporation ES51981_11 Datasheet HTML 12Page - Cyrustek corporation ES51981_11 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
11/01/05
9
ES51981
3 1/2 AUTO DMM
1.6 Auto power off
ES51981 has a default auto power off function. If the meter idles for more than 10
minutes, the chip automatically turns the power off. When this happens, the state of the
meter is saved. In order to disable auto power off function, power on the meter when
any of the push function, except for HOLD, is pressed down. In addition, when RS232
output is active, the auto power-off function is also disabled. The APO sign on the LCD
panel indicates whether the auto power-off is enabled or not.
Note: Powering on the meter while pressing HOLD turns on all LCD segment until
HOLD is pressed again.
1.7 Sleep
The meter enters sleep mode after auto power off. The SLEEP pin asserts low (-3V) in
the sleep mode, and asserts high (+3V, not 0V) after re-power on.
1.8 Re-power on
After auto power-off, pushing any of the push function or changing the rotary mode can
turn on the meter again. If the meter is re-powered on by changing the rotary mode, the
saved state is cleared. If the meter is re-powered on by push functions, the chip restores
the saved state and enters HOLD mode. The LCD displays the saved value.
2. Measurement Mode Switching
Measurement mode depends on the logic level of FC1, FC2, FC3, FC4, FC5, and KEY.
When FC5 is HIGH, the measurement modes are listed in the following table.
SLACDC FC1
FC2
FC3
FC4
Mode
Function of KEY
0
1
0
1
1
Voltage Measurement
DCV(initial) ↔ACV
0
1
1
0
1
Current Measurement(µA)
DCA(initial) ↔ACA
0
1
1
1
1
Current Measurement(mA)
DCA(initial) ↔ ACA
0
1
0
0
1
Manual Current Measurement(A)
DCA (initial) ↔ACA
0
0
0
0
0
Auto Current Measurement(A)
DCA(initial)
1
1
0
1
1
Voltage Measurement
ACV (initial) ↔DCV
1
1
1
0
1
Current Measurement(µA)
ACA(initial) ↔DCA
1
1
1
1
1
Current Measurement(mA)
ACA (initial) ↔DCA
1
1
0
0
1
Manual Current Measurement(A)
ACA (initial) ↔DCA
1
0
0
0
0
Auto Current Measurement(A)
ACA (initial)
X
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
X
0
1
0
1
Resistance Measurement
Ω ↔ Diode
X
0
0
0
1
Continuity Check
Continuity Diode
X
0
1
1
1
Resistance Measurement
Ω ↔ Continuity ↔Diode
X
0
1
0
0
Temperature(℃)
Ps. X means “don’t care”


同様の部品番号 - ES51981_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
More results

同様の説明 - ES51981_11

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982_11 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
ES51960 CYRUSTEK-ES51960 Datasheet
317Kb / 23P
   3 3/4 Auto DMM
ES51983 CYRUSTEK-ES51983 Datasheet
362Kb / 21P
   3 3/4 AUTO DMM
ES51983 CYRUSTEK-ES51983_11 Datasheet
589Kb / 21P
   3 3/4 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
ES51989 CYRUSTEK-ES51989 Datasheet
1Mb / 22P
   3 3/4 PEAK AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com