データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51986 データシート(PDF) 11 Page - Cyrustek corporation

部品番号 ES51986
部品情報  6000 Count AUTO DMM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYRUSTEK [Cyrustek corporation]
ホームページ  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51986 データシート(HTML) 11 Page - Cyrustek corporation

Back Button ES51986 Datasheet HTML 7Page - Cyrustek corporation ES51986 Datasheet HTML 8Page - Cyrustek corporation ES51986 Datasheet HTML 9Page - Cyrustek corporation ES51986 Datasheet HTML 10Page - Cyrustek corporation ES51986 Datasheet HTML 11Page - Cyrustek corporation ES51986 Datasheet HTML 12Page - Cyrustek corporation ES51986 Datasheet HTML 13Page - Cyrustek corporation ES51986 Datasheet HTML 14Page - Cyrustek corporation ES51986 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/01/05
11
ES51986
6000 Count AUTO DMM
1.SLACDC pin is used to set initial mode (AC or DC) for voltage and current
measurement. Using SLACDC pin to switch AC or DC will not reset enabled functions
like max/min, manual/auto range….etc. If you want to have reset function during the
change between AC and DC, please use FC1~FC5 and KEY.
The other combinations of FC1, FC2, FC3, and FC4 are for ADP modes. In ADP modes
, if FC5 is LOW, the minus sign on the LCD panel will not be displayed. And if KEY pin
is floating, the buzzer beeps when the input signal is overflow. The ADP mode function
is summarized below.
FC1
FC2
FC3
FC4
Mode
1
1
1
0
ADP0
1
1
0
0
ADP1
1
0
0
0
ADP2
1
0
1
0
ADP3
Note: Temperature measurement mode takes input signal from ADP pin. In temperature
measurement mode, VBAR pin is used to control the right most digit point on the
LCD panel. When VBAR is LOW, this digit point is displayed.
3. Push function
3.1 HOLD
HOLD mode makes the meter stop updating the LCD panel. This mode can be nested in
most of the special modes. Enabling HOLD function in automatic mode makes the
meter switch to manual mode, but the full scale range remains the same. HOLD function
can be cancelled by changing the measurement mode, pressing RANGE, or push HOLD
again.
3.2 Range
RANGE pin switches to and from automatic and manual mode, and while in manual
mode, changes the full scale range. The following figure shows the state transition.
Automatic
Mode
Manual
Mode
1 push < 1 sec
1 push > 1 sec
1 push < 1 sec
Range up


同様の部品番号 - ES51986

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
More results

同様の説明 - ES51986

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES51986 ETC1-ES51986 Datasheet
286Kb / 23P
   6000 COUNT AUTO DMM
logo
Cyrustek corporation
ES51985 CYRUSTEK-ES51985 Datasheet
286Kb / 21P
   6000 Count AUTO DMM
ES51986 CYRUSTEK-ES51986 Datasheet
293Kb / 23P
   6000 Count AUTO DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
ES239 CYRUSTEK-ES239 Datasheet
827Kb / 36P
   6000 Counts DMM / Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com