データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3N4ILGH データシート(PDF) 4 Page - Dialight Corporation

部品番号 SL3N4ILGH
部品情報  StreetSenseTM Series LED Street Light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALIGHT [Dialight Corporation]
ホームページ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3N4ILGH データシート(HTML) 4 Page - Dialight Corporation

  SL3N4ILGH Datasheet HTML 1Page - Dialight Corporation SL3N4ILGH Datasheet HTML 2Page - Dialight Corporation SL3N4ILGH Datasheet HTML 3Page - Dialight Corporation SL3N4ILGH Datasheet HTML 4Page - Dialight Corporation SL3N4ILGH Datasheet HTML 5Page - Dialight Corporation SL3N4ILGH Datasheet HTML 6Page - Dialight Corporation SL3N4ILGH Datasheet HTML 7Page - Dialight Corporation SL3N4ILGH Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.dialight.com
StreetSenseLED Street Light
Features and Benefits
Electrical
Ruggedized driver design and thermal management system ensure maximum energy efficiency and reliability
Dialight’s custom LED drivers are constant current sources well suited for the
load and the particular lighting application
Field replaceable, primary fused, output isolated drivers are fully potted and
encased in an aluminum extrusion for EMI noise immunity and thermal
protection
Offering high efficiency and power factor with ultra low THD, the LED
drivers incorporate overload and no load protection circuitry
Universal inputs 100-277V AC, 50/60Hz and 347-480V AC, 50/60Hz
LED Driver MTBF per Telcordia SR-332 – 5,10,040 hrs at 13.8C (average yearly
temperature of five major cities)
Safety grommets in casting through-holes prevent abrasions to
electrical wire insulation
Robust, integrated 6kV/6kVA or 10kV/10kVA surge protection circuitry
incorporate MOVs designed to actively clamp line voltages to safe
levels per ANSI/IEEE C62.41.2-2002 Cat C
IP65 rated LED drivers
7 year full performance warranty with option for 10 years
Factory burn-in (24 hr to avoid infant fatality)
Lifetime
L70 / TM-21 Lifetime Report at 500mA – Calculated lifetime = 914,000 hrs; Reported lifetime = 60,500 hrs
4


同様の部品番号 - SL3N4ILGH

メーカー部品番号データシート部品情報
logo
Dialight Corporation
SL3N4CLGH DIALIGHT-SL3N4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
SL3N4HLGH DIALIGHT-SL3N4HLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
SL3N4RLGH DIALIGHT-SL3N4RLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
More results

同様の説明 - SL3N4ILGH

メーカー部品番号データシート部品情報
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
   70W LED Street Light
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
   Street light switching
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
   Narrow caternary street light beam
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
   Catenary street light beam optimized for EN13201 M-classes
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com