データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL3W4BLGH データシート(PDF) 7 Page - Dialight Corporation

部品番号 SL3W4BLGH
部品情報  StreetSenseTM Series LED Street Light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIALIGHT [Dialight Corporation]
ホームページ  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3W4BLGH データシート(HTML) 7 Page - Dialight Corporation

  SL3W4BLGH Datasheet HTML 1Page - Dialight Corporation SL3W4BLGH Datasheet HTML 2Page - Dialight Corporation SL3W4BLGH Datasheet HTML 3Page - Dialight Corporation SL3W4BLGH Datasheet HTML 4Page - Dialight Corporation SL3W4BLGH Datasheet HTML 5Page - Dialight Corporation SL3W4BLGH Datasheet HTML 6Page - Dialight Corporation SL3W4BLGH Datasheet HTML 7Page - Dialight Corporation SL3W4BLGH Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
40 Watt
Iso-Illuminance Chart
← FC - Lux →
Intensity Distribution Curve (cd)
Mounting height - 25’ (7.6m)
www.dialight.com
Measurement Data - IES Type III
Mounting
Height
Multiplier
10’ (3.0m)
6.25
15’ (4.6m)
2.778
20’ (6.1m)
1.563
25’ (7.6m)
1
30’ (9.1m)
0.694
35’ (10.7m)
0.51
40’ (12.7m)
0.391
45’ (13.4m)
0.309
50’ (15.2m)
0.25
7
60 Watt
Iso-Illuminance Chart
Intensity Distribution Curve (cd)
Mounting
Height
Multiplier
10’ (3.0m)
6.25
15’ (4.6m)
2.778
20’ (6.1m)
1.563
25’ (7.6m)
1
30’ (9.1m)
0.694
35’ (10.7m)
0.51
40’ (12.7m)
0.391
45’ (13.4m)
0.309
50’ (15.2m)
0.25
80 Watt
Iso-Illuminance Chart
Intensity Distribution Curve (cd)
Mounting
Height
Multiplier
10’ (3.0m)
6.25
15’ (4.6m)
2.778
20’ (6.1m)
1.563
25’ (7.6m)
1
30’ (9.1m)
0.694
35’ (10.7m)
0.51
40’ (12.7m)
0.391
45’ (13.4m)
0.309
50’ (15.2m)
0.25
- Location of streetlight
Spacing of each box is equal to mounting height in feet (meters).
Ex: 40’ (12.2m) mounting height = each box is 40’ (12.2m), 30’ (9.1m) mounting height = each box is 30’ (9.1m)
Values shown are for cool white and neutral white units, for warm white multiply the Fc or Lux value by .82
Mounting height - 25’ (7.6m)
Mounting height - 25’ (7.6m)
120 Watt
Iso-Illuminance Chart
Intensity Distribution Curve (cd)
Mounting
Height
Foot
Candle
Multiplier
10’ (3.0m)
9
15’ (4.6m)
4
20’ (6.1m)
2.25
25’ (7.6m)
1.44
30’ (9.1m)
1
35’ (10.7m)
0.735
40’ (12.7m)
0.563
45’ (13.4m)
0.444
50’ (15.2m)
0.36
Mounting height - 30’ (9.1m)


同様の部品番号 - SL3W4BLGH

メーカー部品番号データシート部品情報
logo
Cooper Bussmann, Inc.
SL3 COOPER-SL3 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Banner Engineering Corp...
SL30 BANNER-SL30 Datasheet
426Kb / 4P
   SL30 Series Slot Sensor
logo
Electronic devices inc.
SL300 EDI-SL300 Datasheet
43Kb / 2P
   FAST RECOVERY, 100ns.HIGH VOLTAGE 40 ma, MINIATURE RECTIFIERS
logo
XP Power Limited
SL300PS12-C XPPOWER-SL300PS12-C Datasheet
166Kb / 2P
   Industrial (SL) & Medical (SLM) Versions
SL300PS12-D XPPOWER-SL300PS12-D Datasheet
166Kb / 2P
   Industrial (SL) & Medical (SLM) Versions
More results

同様の説明 - SL3W4BLGH

メーカー部品番号データシート部品情報
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
   70W LED Street Light
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
   Street light switching
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
   Narrow caternary street light beam
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
   Catenary street light beam optimized for EN13201 M-classes
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com