データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLA24C01-D データシート(PDF) 4 Page - Siemens Semiconductor Group

部品番号 SLA24C01-D
部品情報  1/2 Kbit 128/256 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLA24C01-D データシート(HTML) 4 Page - Siemens Semiconductor Group

  SLA24C01-D Datasheet HTML 1Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 2Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 3Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 4Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 5Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 6Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 7Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 8Page - Siemens Semiconductor Group SLA24C01-D Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
SLx 24C01/02/P
Semiconductor Group
4
1998-07-27
Ordering Information
Other types are available on request
– Temperature range (– 55 °C
… + 150 °C)
– Package (die, wafer delivery)
1
Pin Configuration
Figure 1
Pin Configuration (top view)
Type
Ordering Code Package
Temperature
Voltage
SLA 24C01-D/P
Q67100-H3547
P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C01-S/P
Q67100-H3495
P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C01-D-3/P
Q67100-H3546
P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C01-S-3/P
Q67100-H3494
P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C01-D/P
Q67100-H3545
P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C01-S/P
Q67100-H3493
P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
SLA 24C02-D/P
Q67100-H3542
P-DIP-8-4
– 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C02-S/P
Q67100-H3537
P-DSO-8-3 – 40 °C … + 85 °C 4.5 V...5.5 V
SLA 24C02-D-3/P
Q67100-H3541
P-DIP-8-4
– 40 °C … + 85 °C 2.7 V...5.5 V
SLA 24C02-S-3/P
Q67100-H3536
P-DSO-8-3 – 40 °C … + 85 °C 2.7 V...5.5 V
SLE 24C02-D/P
Q67100-H3540
P-DIP-8-4
– 40°C … + 125 °C 4.5 V...5.5 V
SLE 24C02-S/P
Q67100-H3535
P-DSO-8-3 – 40°C … + 125 °C 4.5 V...5.5 V
IEP02514
N.C.
5
6
7
8
4
3
2
1
V
SS
WP
SCL
SDA
CC
V
N.C.
N.C.
P-DSO-8-3
IEP02515
CC
V
18
WP
V
7
2
SCL
6
3
SDA
5
4
SS
N.C.
N.C.
N.C.
P-DIP-8-4


同様の部品番号 - SLA24C01-D

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SLA24C04 SIEMENS-SLA24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C04 SIEMENS-SLA24C04 Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLA24C04-D SIEMENS-SLA24C04-D Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C04-D-3 SIEMENS-SLA24C04-D-3 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLA24C04-D-3/P SIEMENS-SLA24C04-D-3/P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
More results

同様の説明 - SLA24C01-D

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
SLX24C32 SIEMENS-SLX24C32 Datasheet
357Kb / 26P
   32 Kbit 4096 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04 SIEMENS-SLX24C04 Datasheet
314Kb / 22P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C164 SIEMENS-SLX24C164 Datasheet
315Kb / 22P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C64 SIEMENS-SLX24C64 Datasheet
358Kb / 26P
   64 Kbit 8192 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C0816 SIEMENS-SLX24C0816 Datasheet
317Kb / 22P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus
SLX24C04P SIEMENS-SLX24C04P Datasheet
358Kb / 27P
   4 Kbit 512 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C164P SIEMENS-SLX24C164P Datasheet
361Kb / 27P
   16 Kbit 2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
SLX24C0816P SIEMENS-SLX24C0816P Datasheet
362Kb / 27P
   8/16 Kbit 1024/2048 x 8 bit Serial CMOS EEPROMs, I2C Synchronous 2-Wire Bus, Page Protection Mode
logo
Microchip Technology
AT24C01C MICROCHIP-AT24C01C Datasheet
1Mb / 45P
   I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
2018
logo
NXP Semiconductors
PCX8582X-2 PHILIPS-PCX8582X-2 Datasheet
156Kb / 20P
   256 x 8-bit CMOS EEPROMS with I2C-bus interface
December 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com