データシートサーチシステム |
|
SLA24C08-S データシート(PDF) 9 Page - Siemens Semiconductor Group |
|
SLA24C08-S データシート(HTML) 9 Page - Siemens Semiconductor Group |
9 / 22 page SLx 24C08/16 Semiconductor Group 9 1998-07-27 4 Device Addressing and EEPROM Addressing After a START condition, the master always transmits a Command Byte CSW or CSR. After the acknowledge of the EEPROM a Control Byte follows, its content and the transmitter depend on the previous Command Byte. The description of the Command and Control Bytes is shown in table 2. The device has an internal address counter which points to the current EEPROM address. The address counter is incremented – after a data byte to be written has been acknowledged, during entry of further data byte – during a byte read, thus the address counter points to the following address after reading a data byte. Command Byte Selects operation: the least significant bit b0 is low for a write operation (Chip Select Write Command Byte CSW) or set high for a read operation (Chip Select Read Command Byte CSR). Contains address information: in the CSW Command Byte, the bit positions b2 or b3 to b1 are decoded for the two or three uppermost EEPROM address bits A9 or A10 to A8 (in the CSR Command Byte, the bit positions b3 to b1 are left undefined). Control Byte Following CSW (b0 = 0): contains the eight lower bits of the EEPROM address (EEA) bit A7 to A0. Following CSR (b0 = 1): contains the data read out, transmitted by the EEPROM. The EEPROM data are read as long as the master pulls down SDA after each byte in order to acknowledge the transfer. The read operation is stopped by the master by releasing SDA (no acknowledge is applied) followed by a STOP condition. Table 2 Command and Control Byte for I 2C-Bus Addressing of Chip and EEPROM Definition Function b7 b6 b5 b4 b3 b2 b1 b0 CSW 1 0 1 0 A10 A9 A8 0 Chip Select for Write CSR 1 0 1 0 x x x 1 Chip Select for Read EEA A7 A6 A5 A4 A3 A2 A1 A0 EEPROM address |
同様の部品番号 - SLA24C08-S |
|
同様の説明 - SLA24C08-S |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |