データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCM6208V2RGZR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCM6208V2RGZR
部品情報  2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCM6208V2RGZR データシート(HTML) 8 Page - Texas Instruments

Back Button CDCM6208V2RGZR Datasheet HTML 4Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 5Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 6Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 7Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 9Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 10Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V2RGZR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
CDCM6208
SCAS931A – MAY 2012 – REVISED JUNE 2012
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
MAX
UNITS
Supply Voltage Range, VDD_PRI, VDD_SEC, VDD_Yx_Yy, VDD_PLL[2:1], DVDD
-0.5
4.6
V
4.6
Input Voltage Range CMOS control inputs, VIN
-0.5
AND
V
V DVDD+ 0.5
4.6
Input Voltage Range PRI/SEC inputs
AND
V
VVDDPRI.SEC+ 0.5
Output Voltage Range, VOUT
-0.5
VYxYy+ 0.5
V
Input Current, IIN
20
mA
Output Current, IOUT
50
mA
Storage Temperature Range, TSTG
-65
150
°C
Junction Temperature, TJ
125
°C
Electrostatic Discharge (HBM), ESD
2
kV
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute—maximum—rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNITS
VDD_Yx_Y
Output Supply Voltage
1.71
1.8/2.5/3.3
3.465
V
y
VDD_PLL1
Core Analog Supply Voltage
1.71
1.8/2.5/3.3
3.465
V
VDD_PLL2
DVDD
Core Digital Supply Voltage
1.71
1.8/2.5/3.3
3.465
V
VDD_PRI,
Reference Input Supply Voltage
1.71
1.8/2.5/3.3
3.465
V
VDD_SEC
VDD power-up ramp time (0 to 3.3 V) PDN left open, all VDD tight
ΔVDD/Δt
50 < tPDN
ms
together PDN low-high is delayed (1)
TA
Ambient Temperature
-40
85
°C
SDA and SCL in I2C Mode (SI_MODE[1:0] = 01)
DVDD = 1.8 V
-0.5
2.45
V
VI
Input Voltage
DVDD = 3.3 V
- 0.5
3.965
V
100
dR
Data Rate
kbps
400
0.7 x
VIH
High-level input voltage
V
DVDD
0.3 x
VIL
Low-level input voltage
V
DVDD
CBUS_I2C
Total capacitive load for each bus line
400
pF
(1)
For fast power up ramps under 50 ms and when all supply pins are driven from the same power supply source, PDN can be left floating.
For slower power up ramps or if supply pins are sequenced with uncertain time delays, PDN needs to be held low until DVDD,
VDD_PLLx, and VDD_PRI/SEC reach at least 1.45V supply voltage. See application section on mixing power supplies and particularly
Figure 32 for details.
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): CDCM6208


同様の部品番号 - CDCM6208V2RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM6208V2RGZR TI1-CDCM6208V2RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

同様の説明 - CDCM6208V2RGZR

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCM6208V1F TI1-CDCM6208V1F Datasheet
2Mb / 87P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com