データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBT2907 データシート(PDF) 1 Page - Siemens Semiconductor Group

部品番号 SMBT2907
部品情報  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT2907 データシート(HTML) 1 Page - Siemens Semiconductor Group

  SMBT2907 Datasheet HTML 1Page - Siemens Semiconductor Group SMBT2907 Datasheet HTML 2Page - Siemens Semiconductor Group SMBT2907 Datasheet HTML 3Page - Siemens Semiconductor Group SMBT2907 Datasheet HTML 4Page - Siemens Semiconductor Group SMBT2907 Datasheet HTML 5Page - Siemens Semiconductor Group SMBT2907 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
PNP Silicon Switching Transistors
SMBT 2907
SMBT 2907 A
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBT 2907
SMBT 2907 A
Q68000-A6501
Q68000-A6474
s2B
s2F
SOT-23
1
2
3
B
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS
= 77 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
290
K/W
600
330
150
– 65 … + 150
Emitter-base voltage
VEB0
40
60
SMBT 2907
SMBT 2907 A
Junction - soldering point
Rth JS
220
60
5
q
High DC current gain: 0.1 mA to 500 mA
q
Low collector-emitter saturation voltage
q
Complementary types: SMBT 2222,
SMBT 2222 A (NPN)
5.91


同様の部品番号 - SMBT2907

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
141Kb / 7P
   PNP Silicon Switching Transistor
Jun-12-2002
logo
Siemens Semiconductor G...
SMBT2907A SIEMENS-SMBT2907A Datasheet
248Kb / 7P
   PNP Silicon Switching Transistor
logo
Infineon Technologies A...
SMBT2907A INFINEON-SMBT2907A Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
SMBT2907A INFINEON-SMBT2907A Datasheet
542Kb / 9P
   PNP Silicon Switching Transistor
2011-09-30
SMBT2907A INFINEON-SMBT2907A_07 Datasheet
87Kb / 9P
   PNP Silicon Switching Transistor Low collector-emitter saturation voltage
2007-04-26
More results

同様の説明 - SMBT2907

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
BSS80 INFINEON-BSS80 Datasheet
59Kb / 6P
   PNP Silicon Switching Transistors
Nov-30-2001
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com