データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA3118D2DAP データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPA3118D2DAP
部品情報  15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3118D2DAP データシート(HTML) 9 Page - Texas Instruments

Back Button TPA3118D2DAP Datasheet HTML 5Page - Texas Instruments TPA3118D2DAP Datasheet HTML 6Page - Texas Instruments TPA3118D2DAP Datasheet HTML 7Page - Texas Instruments TPA3118D2DAP Datasheet HTML 8Page - Texas Instruments TPA3118D2DAP Datasheet HTML 9Page - Texas Instruments TPA3118D2DAP Datasheet HTML 10Page - Texas Instruments TPA3118D2DAP Datasheet HTML 11Page - Texas Instruments TPA3118D2DAP Datasheet HTML 12Page - Texas Instruments TPA3118D2DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 8Ω
G011
0.001
0.01
0.1
1
10
0.01
0.1
1
10
50
Output Power (W)
f = 20Hz
f = 1kHz
f = 6kHz
Gain = 26dB
PVCC = 24V
TA = 25°C
RL = 8Ω
G012
20
100
1k
10k
100k
−50
−40
−30
−20
−10
0
10
20
30
−500
−400
−300
−200
−100
0
100
200
300
Frequency (Hz)
Gain
Phase
Gain = 26dB
PVCC = 12V
TA = 25°C
RL = 4Ω
G014
0
10
20
30
40
50
0
1
2
3
4
PLIMIT Voltage (V)
Gain = 26dB
TA = 25°C
PVCC = 24V
RL = 4Ω
G013
TPA3116D2
TPA3118D2
TPA3130D2
www.ti.com
SLOS708B – APRIL 2012 – REVISED MAY 2012
TYPICAL CHARACTERISTICS (continued)
fs = 400 kHz, BD Mode (unless otherwise noted)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
TOTAL HARMONIC DISTORTION + NOISE (BTL)
vs
vs
OUTPUT POWER
OUTPUT POWER
Figure 9.
Figure 10.
OUTPUT POWER (BTL)
GAIN/PHASE (BTL)
vs
vs
PLIMIT VOLTAGE
FREQUENCY
Figure 11.
Figure 12.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPA3116D2 TPA3118D2 TPA3130D2


同様の部品番号 - TPA3118D2DAP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAP TI-TPA3118D2DAP Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3118D2DAPR TI1-TPA3118D2DAPR Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3118D2DAPR TI-TPA3118D2DAPR Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
More results

同様の説明 - TPA3118D2DAP

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3116D2 TI-TPA3116D2_V01 Datasheet
2Mb / 45P
[Old version datasheet]   15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
DECEMBER 2017
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
logo
Shenzhen Huazhimei Semi...
HMA3110 HMSEMI-HMA3110 Datasheet
535Kb / 10P
   15W stereo filter-free class D audio power amplifier
logo
Microsemi Corporation
LX1725 MICROSEMI-LX1725 Datasheet
377Kb / 23P
   15W15W Stereo Class-D Amplifier Filterless 30W Mono in BTL
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com