データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ULN2003V12PWR データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 ULN2003V12PWR
部品情報  7-Channel Relay and Inductive Load Sink Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ULN2003V12PWR データシート(HTML) 4 Page - Texas Instruments

  ULN2003V12PWR Datasheet HTML 1Page - Texas Instruments ULN2003V12PWR Datasheet HTML 2Page - Texas Instruments ULN2003V12PWR Datasheet HTML 3Page - Texas Instruments ULN2003V12PWR Datasheet HTML 4Page - Texas Instruments ULN2003V12PWR Datasheet HTML 5Page - Texas Instruments ULN2003V12PWR Datasheet HTML 6Page - Texas Instruments ULN2003V12PWR Datasheet HTML 7Page - Texas Instruments ULN2003V12PWR Datasheet HTML 8Page - Texas Instruments ULN2003V12PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
IN1
IN2
IN3
IN4
IN5
IN6
IN7
GND
OUT2
OUT3
OUT5
OUT6
OUT7
COM
OUT1
OUT4
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
16-Pin
SOIC/TSSOP
Array of
Transistors
COM
OUTx
COUT
CIN = 9 pF
RIN = 3 kW
CPD
INx
GND
RPD = 300 kW
ULN2003V12
SLRS060A – MAY 2012 – REVISED JUNE 2012
www.ti.com
DEVICE INFORMATION
Figure 2. Channel Block Diagram
Figure 1. ULN2003V12 PINOUT
ULN2003V12 PIN DESCRIPTION
NAME
PIN NUMBER
DESCRIPTION
16-SOIC
16-TSSOP
IN1 – IN7
1–7
1–7
Logic Input Pins IN1 through IN7
GND
8
8
Ground Reference Pin
COM
9
9
Internal Free-Wheeling Diode Common Cathode Pin
OUT7 – OUT1
10–16
10–16
Channel Output Pins OUT7 through OUT1
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): ULN2003V12


同様の部品番号 - ULN2003V12PWR

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12 Datasheet
371Kb / 2P
   Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
ULN2003V12S16-13 DIODES-ULN2003V12S16-13 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12S16-13 DIODES-ULN2003V12S16-13 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12T16-13 DIODES-ULN2003V12T16-13 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
More results

同様の説明 - ULN2003V12PWR

メーカー部品番号データシート部品情報
logo
Texas Instruments
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
448Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com