データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1117-1.2 データシート(PDF) 5 Page - Advanced Monolithic Systems Ltd

部品番号 AMS1117-1.2
部品情報  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMS [Advanced Monolithic Systems Ltd]
ホームページ   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-1.2 データシート(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS1117-1.2 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1A Adjustable/Fixed Low Dropout Linear Regulator
Note 1: Typical Values represent the most likely parametric norm.
Note 2: All limits are guaranteed by testing or statistical analysis.
Note 3: Load and line regulation are measured at constant junction room temperature.
Note 4: The minimum output current required to maintain regulation.
Typical Performance Characteristics
Typicals and limits appearing in normal type apply for TJ=25℃.Limits appearing in Boldface type apply over the entire junction temperature for
operation, -20℃to 125℃.
Electrical Characteristic
(Continued)
Symbol
Parameter
Conditions
Min
(Note 2)
Typ
(Note 1)
Max
(Note 2)
Units
ILimit
RMS Output Noise(% of
VOUT)
TA = 25°C, 10Hz<= f <=10kHz
0.003
%
Thermal Resistance, Junction
to Case
SOT-223
15
/W
TO-252
3
/W
Thermal Shutdown
Junction Temperature
155
Thermal Shutdown Hysteresis
25
Output Current ( A )
0
0.2
0.4
0.6
0.8
1.0
1.5
1.4
1.3
1.2
1.0
0.9
0.8
0.7
0.6
0.5
0
Figure 4. Dropout Voltage VS. Output Current
AMS1117
Advanced Monolithic Systems http://www.ams-semitech.com
5


同様の部品番号 - AMS1117-1.2

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1117-1.2 AMS-AMS1117-1.2 Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
DONGGUAN YOU FENG WEI E...
AMS1117-1.2 YFWDIODE-AMS1117-1.2 Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

同様の説明 - AMS1117-1.2

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com