データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1309 データシート(PDF) 1 Page - Advanced Monolithic Systems Ltd

部品番号 AMS1309
部品情報  Low ripple and low noise
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMS [Advanced Monolithic Systems Ltd]
ホームページ   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1309 データシート(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS1309 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1309 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Applications:
Power source for battery-powered equipment
Power source for wireless mouse, wireless keyboard, toys
Power source for Cameras,camcorders, VCRs, PDAs
Power source for hand-held communication equipment
Descriptions:
AMS1309 Series is a PFM Step-up DC/DC converter IC with low supply current by CMOS process.
High frequency noise that occurs during switching is reduced by using advanced circuit designed,
output voltage is programmable in 0.1V steps between 2.0~7.0V and maximum frequency is 180
KHz(Typ.). A low ripple, high efficiency step-up DC/DC converter can be constructed of AMS1309
with only three external components. Also available is a CE(chip enable) function that reduce
power dissipation During shut-down mode. AMS1309 is suitable for use with battery-powered
instruments with low noise and low supply current.
Featuers:
Low ripple and low noise
Operating voltage range: 0.9V~6.5V
Output voltage range: 2.0V~7.0V(step 0.1V)
Output voltage accuracy: ±2.5%
Output Current: if Vin=3.0V and Vout=5.0V,then Iout=400mA
Low start voltage: 0.9V(at Iout=1mA)
Maximum oscillator frequency: 180KHz(Typ.)
High Efficiency: 85%(Typ.)
Packge:SOT23: SOT89
AMS1309
Advanced Monolithic Systems http://www.ams-semitech.com
1


同様の部品番号 - AMS1309

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1302 AMS-AMS1302 Datasheet
1Mb / 8P
   Output up to 24V Internal MOSFET with high switch current up to 3A
More results

同様の説明 - AMS1309

メーカー部品番号データシート部品情報
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
   Low ripple and noise
logo
PEAK electronics GmbH
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
   Low ripple and noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
   Low ripple and noise
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
   Low noise and ripple
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
   Low ripple and noise
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
   Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
   Low ripple and noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com