データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMS1085T-ADJ データシート(PDF) 6 Page - Advanced Monolithic Systems Ltd

部品番号 AMS1085T-ADJ
部品情報  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMS [Advanced Monolithic Systems Ltd]
ホームページ   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085T-ADJ データシート(HTML) 6 Page - Advanced Monolithic Systems Ltd

Back Button AMS1085T-ADJ Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1085T-ADJ Datasheet HTML 10Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PIN DESCRIPTION
1
GND/ADJ
--/O
Ground/ADJ
2
VOUT
O
Output voltage
3
VIN
I
Input supply voltage
Pin No.
Pin name
I/O
Functions
FUNCTION DESCRIPTION
The
AMS1085 is a LDO regulator, its pass transistor is made up of a single NPN transistor being driven by a PNP.
The dropout voltage is defined as: VDROP = VBE+ VSAT.
The
AMS1085 has two versions: the fixed output version and the adjustable output version. Output voltages can be
1.5V, 1.8V, 2.5V, 3.3V, and 5.0V.On-chip thermal shut-down circuit provides protection against overload
and overheating that would create excessive junction temperature.
The adjustable output version requires a 22 μF or bigger tantalum capacitor at output for
AMS1085 stability. The
capacitor for fixed output version can be smaller and should be determined base on actual application. Generally,
the stability of linear regulator stability decreases with output currents increase.
PIN CONFIGURATION
TO-263-2L
TO-220-3L
TO-263-3L
TO-252-2L
1
2
3
1
2
3
1
2
3
1
2
3
AMS1085
6
Advanced Monolithic Systems http://www.ams-semitech.com


同様の部品番号 - AMS1085T-ADJ

メーカー部品番号データシート部品情報
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

同様の説明 - AMS1085T-ADJ

メーカー部品番号データシート部品情報
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com