データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAS116Q-7-F データシート(PDF) 3 Page - Diodes Incorporated

部品番号 BAS116Q-7-F
部品情報  SURFACE MOUNT LOW LEAKAGE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS116Q-7-F データシート(HTML) 3 Page - Diodes Incorporated

  BAS116Q-7-F Datasheet HTML 1Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 2Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 3Page - Diodes Incorporated BAS116Q-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAS116
Document number: DS30233 Rev. 10 - 2
3 of 4
www.diodes.com
November 2011
© Diodes Incorporated
BAS116
Fig. 3 Typical Forward Characteristics
0.01
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.1
1
10
0
150
100
200
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Typical Reverse Characteristics
A
°
V = 75V
R
50
Package Outline Dimensions
Suggested Pad Layout
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
X
E
Y
C
Z
A
M
J
L
D
F
B C
H
K
G
K1


同様の部品番号 - BAS116Q-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS116Q-7-F DIODES-BAS116Q-7-F Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116Q-7-F DIODES-BAS116Q-7-F Datasheet
281Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results

同様の説明 - BAS116Q-7-F

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
   SURFACE MOUNT LOW LEAKAGE DIODE
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
   SURFACE MOUNT LOW LEAKAGE DIODE
logo
Galaxy Semi-Conductor H...
BAV3004W BILIN-BAV3004W_17 Datasheet
120Kb / 3P
   Surface mount low leakage diode
logo
Diodes Incorporated
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
   SURFACE MOUNT LOW LEAKAGE DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com