データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5666-5 データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 TDA5666-5
部品情報  Video Modulator for FM-Audio
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5666-5 データシート(HTML) 6 Page - Siemens Semiconductor Group

Back Button TDA5666-5 Datasheet HTML 2Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5666-5 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Semiconductor Group
6
TDA 5666-5
Absolute Maximum Ratings
TA = 0 to 70
oC
Parameter
Symbol
Limit Values
Unit
Remarks
min.
typ.
max.
Supply voltage pin 8
VS
– 0.3
14.5
V
Current from pin 2
–I2
02
mA
V2 = 7-8 V
VS = 10-13.5 V
Voltage at pin 1
Voltage at pin 2
Voltage at pin 10
V1
V2
V10
0
6
0
2
8.5
1.5
V
V
Vpp
only via C
(max. 1
µF)
Capacitance at pin 2
Capacitance at pin 11
C2
C11
0
0
100
15
nF
µF
Voltage at pin 12
Voltage at pin 13
Voltage at pin 15
Voltage at pin 16
V12
V13
V15
V16
– 0.3
V2
V2
V2 -1.5
1.4
VS
VS
VS+1.5
V
V
V
V
VS = 10-13.5 V
According to the application circuit, only the provided circuitry can be connected
to pins 3,4,6,7,17 and 18.
Junction temperature
Tj
150
oC
Storage temperature
Tstg
– 40
125
oC
Thermal resistance
Rth
80
K/W
Operating Range
Supply voltage
VS
10
13.5
V
Video input frequency
fVideo
0
6
MHz
Audio input frequency
fAF
0
20
kHz
Output frequency
fQ
30
860
MHz
depending on
the oscillator
circuitry at
pins 3-7
Ambient temperature
TA
070
oC
Audio oscillator
fOSC
4
7
MHz
Voltage at pin 2
Voltage at pin 13,15
V2
V13, 15
6.75
V2
7.75
VS
V
V


同様の部品番号 - TDA5666-5

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
   Modular for TV, Video and Sound Signals
TDA5664 SIEMENS-TDA5664 Datasheet
307Kb / 19P
   5V-Modulator
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
More results

同様の説明 - TDA5666-5

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5667-5 SIEMENS-TDA5667-5 Datasheet
716Kb / 22P
   Video Modulator for FM/AM-Audio
MGM3000X SIEMENS-MGM3000X Datasheet
1,016Kb / 23P
   Video Modulator for FM/AM-Audio
TDA5670-5X SIEMENS-TDA5670-5X Datasheet
730Kb / 22P
   Video Modulator for FM/AM-Audio with PLL-Output
logo
Sanyo Semicon Device
LA7051 SANYO-LA7051 Datasheet
49Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
LA7054 SANYO-LA7054 Datasheet
52Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator
logo
NXP Semiconductors
TDA8722 PHILIPS-TDA8722 Datasheet
196Kb / 28P
   I2C-bus programmable modulator for negative video modulation and FM sound
1998 Jun 23
logo
NTE Electronics
NTE1611 NTE-NTE1611 Datasheet
24Kb / 3P
   Integrated Circuit Video and FM Sound Modulator/Carrier Oscillator for VCR
logo
Sanyo Semicon Device
LA7058R SANYO-LA7058R Datasheet
64Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use?
LA7054Z SANYO-LA7054Z Datasheet
70Kb / 3P
   Video, Audio Signal Processor for UHF Band RF Modulator Use
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
   VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com