データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC10XS4200 データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC10XS4200
部品情報  Dual 24 V, 10 mOhm High Side Switch
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS4200 データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC10XS4200 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS4200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
10XS4200
PIN ASSIGNMENT
11
SCLK
Input
Serial Clock
This input pin is to be connected to an external SPI Clock signal. The SCLK
pin is internally connected to a pull-down current source IDWN
12
SI
Input
Serial Input
This input pin receives the SPI input data from an external device (micro-
controller or another extreme switch device in case of daisy-chaining). The SI
pin is internally connected to a pull-down current source IDWN
13
VDD
Power
Digital Drain Voltage
This is the positive supply pin of the SPI interface.
16
SO
Output
Serial Output
This output pin transmits SPI data to an external device (external micro-
controller or the SI pin of the next SPI device in case of daisy-chaining). The
pin doesn’t require external pull-up or pull-down resistors, but a series resistor
is recommended to limit current consumption in case of GND disconnection
14, 17, 22
GND
Ground
Ground
These pins, internally connected, are the ground pins for the logic and analog
circuitry. It is recommended to also connect these pins on the PCB.
15,18,21
VPWR
Power
Positive Power Supply
These pins, internally connected, supply both the device’s power and control
circuitry (except the SPI port). The drain of both internal MOSFET switches is
connected to them. Pin 15 is the device’s primary thermal pad.
19
20
HS1
HS0
Output
Power Switch Outputs
Output pins of the switches, to be connected to the load.
23
SYNC
Output
Output Current
Monitoring
Synchronization
This output pin is asserted (logic low) when the Current Sense (CS) output
signal is within the specified accuracy range. Reading the SYNC pin allows the
external microprocessor to synchronize to the device when operating in
autonomous operating mode. SYNC is open-drain and requires a pull-up
resistor to VDD.
Table 1. 10XS4200 Pin Description (continued)
The function of each pin is described in the section Functional Description
Pin
Number
Pin Name
Function
Formal Name
Definition


同様の部品番号 - MC10XS4200

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BAFK NXP-MC10XS4200BAFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BDFK NXP-MC10XS4200BDFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200BFK NXP-MC10XS4200BFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC10XS4200CFK NXP-MC10XS4200CFK Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results

同様の説明 - MC10XS4200

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
MC22XSD200 NXP-MC22XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 22 mOhm high-side switch
Rev. 2.0, 8/2016
MC06XS4200 NXP-MC06XS4200 Datasheet
1Mb / 69P
   Dual 24 V, 6.0 mOhm high-side switch
Rev. 5.0, 5/2018
logo
Freescale Semiconductor...
MC20XS4200 FREESCALE-MC20XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 20 mOhm High Side Switch
logo
NXP Semiconductors
MC50XSD200 NXP-MC50XSD200 Datasheet
1Mb / 58P
   Dual 24 V, 50 mOhm high-side switch
Rev. 2.0, 8/2016
logo
Freescale Semiconductor...
MC06XS4200 FREESCALE-MC06XS4200 Datasheet
626Kb / 4P
   Dual 24 V, 6.0 mOhm High Side Switch
logo
NXP Semiconductors
MC50XS4200 NXP-MC50XS4200 Datasheet
1Mb / 66P
   Dual 24 V, 50 mOhm high-side switch
Rev. 5.0, 6/2018
MC22XS4200 NXP-MC22XS4200_V01 Datasheet
1Mb / 64P
   Dual 24 V, 22 mOhm high-side switch
Rev. 7.0, 9/2022
MC20XS4200 NXP-MC20XS4200_V01 Datasheet
2Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 8.0, 11/2022
MC20XS4200 NXP-MC20XS4200 Datasheet
1Mb / 71P
   Dual 24 V, 20 mOhm high-side switch
Rev. 7.0, 10/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com