データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5931-65 データシート(PDF) 6 Page - Siemens Semiconductor Group

部品番号 TDA5931-65
部品情報  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 データシート(HTML) 6 Page - Siemens Semiconductor Group

Back Button TDA5931-65 Datasheet HTML 2Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Semiconductor Group
36
TDA 5931-65
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Tuner AGC current
max. 1 ms
I15
I15
10
0
18
30
10
mA
µA
V15 = 0.5 V5
V1/18 = 100 mVrms
V14 = 0.75 V
V15 = 0.5 V5
V1/18 = 10 mVrms
V14 = 4.0 V
IF input
V1, V18
5.7
6.0
6.3
V
Demodulator tank
V10, V11
V5
3.5
V5
3.8
V5
4.1
V
Video Output (Demodulator)
Output current
Output current
Sychron level
I9
I9
V9
1.9
4
5.2
2.6
5.6
3.3
6.2
mA
mA
V
V9 = 6 V, V1, 18 =
carrier no-demod.
to ground
V1/18 = 10 mVrms
Sound Trap Input
Sychron pulse level
White level
V7
V7
3.3
3.7
5.7
6.0
V
V
Signal ratio
V9/7 = 3/2
Signal ratio
V9/7 = 3/2
V1/18 = 0 V; V16 = 3 V
0 V >
V2 > 2.4 V
Pos. Video Output
Output current
Pos. modulation
(L standard)
White level
Zero carrier (sync.)
Neg. modulation
(BG standard)
Synchron pulse level
Zero carrier
– I6
I6
V6
V6
V6
V6
1.7
4
3.9
1.9
1.9
4.1
2.2
4.2
2.2
2.2
4.4
2.7
4.9
2.7
2.7
5.1
mA
mA
V
V
V
V
V6 = 6 V
to ground via
R = 500
see Sound Trap
Input
V1/18 = 10 mVrms
V1/18 = 0 V; V16 = 3 V
V1/18 = 10 mVrms
V1/18 = 0 V; V16 = 3 V


同様の部品番号 - TDA5931-65

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

同様の説明 - TDA5931-65

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com