データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA5931-65 データシート(PDF) 7 Page - Siemens Semiconductor Group

部品番号 TDA5931-65
部品情報  Video IF Amplifier and Demodulator with Full-SCART
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIEMENS [Siemens Semiconductor Group]
ホームページ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TDA5931-65 データシート(HTML) 7 Page - Siemens Semiconductor Group

Back Button TDA5931-65 Datasheet HTML 3Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 4Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 5Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 6Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 7Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 8Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 9Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 10Page - Siemens Semiconductor Group TDA5931-65 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Semiconductor Group
37
TDA 5931-65
Characteristics (cont’d)
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Neg. SCART Output
Output current
Pos. modulation
(L standard)
White level
Zero carrier (sync.)
Neg. modulation
(BG standard)
Synchron pulse level
Zero carrier
– I4
I4
V4
V4
V4
V4
1.6
4
V5 – 5.3
V5 – 3.2
V5 – 3.2
V5 – 5.5
2
V5 – 5.0
V5 – 2.9
V5 – 2.9
V5 – 5.2
2.6
V5 – 4.3
V5 – 2.5
V5 – 2.5
V5 – 4.6
mA
mA
V
V
V
V
RL = ∞; see Sound
Trap Input
V4 = V5
to ground via
R = 500
V1/18 = 10 mVrms
V1/18 = 0 V; V16 = 3 V
V1/18 = 10 mVrms
V1/18 = 0 V; V16 = 3 V
Pos. SCART Input 4
Clamp level
Output current
V3
I3
1.8
3
1.9
2
V
mA
via
R = 270 k
Ω at
ground
V3 = 1.2 V
Switching Voltage
L = L/E standard
H = B/G standard
o. open
V12
V12
0
2.4
1.9
6
V
V
Switching Voltage
Open = SCART operat.
H = SCART operation
L = HF operation
V2
V2
V2
2.4
0
6
1.9
V
V
Dynamic Characteristics
Min. IF-input voltage
start of internal
AGC operation
f PC rms
V1/18
45
60
µV
6 Vpp – 1 dB
Max. IF-input voltage
(end of internal
AGC-control range)
f PC rms
V1/18
105
140
mV
6 Vpp – 1 dB
IF-control range
v
65
70
dB


同様の部品番号 - TDA5931-65

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
More results

同様の説明 - TDA5931-65

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
TDA5930-5 SIEMENS-TDA5930-5 Datasheet
481Kb / 18P
   Video IF Amplifier and Demodulator
logo
STMicroelectronics
TDA4426 STMICROELECTRONICS-TDA4426 Datasheet
217Kb / 7P
   VIDEO IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
Siemens Semiconductor G...
TDA5950X SIEMENS-TDA5950X Datasheet
450Kb / 11P
   Video and Sound IF with FM-PLL Demodulator, AFC and V & S SCART
TDA5940-2 SIEMENS-TDA5940-2 Datasheet
242Kb / 9P
   Video and Sound IF with V & S SCART
logo
STMicroelectronics
TDA2540 STMICROELECTRONICS-TDA2540 Datasheet
91Kb / 7P
   IF AMPLIFIER WITH DEMODULATOR AND AFC
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
NXP Semiconductors
TDA8340 PHILIPS-TDA8340 Datasheet
111Kb / 14P
   Television IF amplifier and demodulator
November 1987
TDA8349A PHILIPS-TDA8349A Datasheet
108Kb / 17P
   Multistandard IF amplifier and demodulator
February 1991
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com