データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

D04271-000 データシート(PDF) 9 Page - Tyco Electronics

部品番号 D04271-000
部品情報  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

D04271-000 データシート(HTML) 9 Page - Tyco Electronics

Back Button D04271-000 Datasheet HTML 5Page - Tyco Electronics D04271-000 Datasheet HTML 6Page - Tyco Electronics D04271-000 Datasheet HTML 7Page - Tyco Electronics D04271-000 Datasheet HTML 8Page - Tyco Electronics D04271-000 Datasheet HTML 9Page - Tyco Electronics D04271-000 Datasheet HTML 10Page - Tyco Electronics D04271-000 Datasheet HTML 11Page - Tyco Electronics D04271-000 Datasheet HTML 12Page - Tyco Electronics D04271-000 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
142
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
LMS6000 Laser Marking System
Printers
The LMS6000 Laser Marking System is a fully functional, closed-
loop, Ytterbium doped fiber laser system that is fact, efficient,
flexible and reliable. The LMS6000 system comes integrated with
state-of-the-art software and transport systems. These integrated
systems are capable of marking on a variety of flat label materials.
Optional direct marking module provides the capability to mark on
specific metallic and plastic components.
The system comes complete with a fume extraction system to
meet the strictest of emission and safety regulations. If validation is
not required, the system can be fitted with an optional cutter used
to cut the labels as they exit the marking chamber.
Printer specifications
Operating power
85-220V, 50-80Hz - laser
110V, 60 Hz - fume extractor
Maximum output power
10 watts laser power, 0.5mJ
Power consumption
350W Laser only
Operating temperature
10-40˚C
Humidity non-condensing
30-85%
Weight:
42KG
Laser type
Ytterbium doped fiber laser, pulsed
Q-switched
Cooling system
Air cooled
Beam dimensions
TEM-00 (M2<1.4), Plano Spherical 163
Wavelength
1062nm
Pulse width
100nsec
Pulse frequency
20-80MHz
Pilot laser
650nm/1mW
Laser protection class
4
Marking area
130mm x 130mm
Resolution
725-1000 dpi
Beam attenuator
Galvo Mirrors, Safety shutter included
Exhaust
Integrated fume extractor with Rheostat
control, filter layers and exhaust indicators
Software specifications
Operating system
Wndows 2000 and XP, Pentium IV, 500-Mhz,
150 MB hard drive, USB Interface
Graphics
All standard dimensional, PLT, DXF, BMP,
JPG,PCX, WMF, EPS, TIFF. all elements can be
scaled, moved, grouped or mirrored
Barcodes
1D - Code 39, Code 93, Code 128, Data
Matrix - ECC200, QRCode
Characters
All true type fonts under Windows, filled, out
lined, laser specific double or triple line fonts.
All fonts can be scaled or wobbled stretching,
compressing, circular arc
Integration capabilities
Industry standard ERP/MRP systems,
databases and programs
Product order code
Description
LMS6000-130
Tyco Electronics LMS6000 laser - standard
LMS6000-XYZ30
Direct part marking module
300mm x 300mm
LMS6000-XYZ80
Direct part marking module
800mm x 800mm
LMS6000-XYZ100
Direct part marking module
1000mm x 1000mm - fume extractor unit
LMS6000-FE-110V
Integrated fume extractor system
Verifier/Validator
Part No. LMS6000-VRF-100, integrated data
matrix verifier/validator


同様の部品番号 - D04271-000

メーカー部品番号データシート部品情報
logo
Newhaven Display Intern...
D0420SD-42-2001FN NEWHAVEN-D0420SD-42-2001FN Datasheet
1Mb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001F NEWHAVEN-D0420SD-53-4001F Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
D0420SD-53-4001FN NEWHAVEN-D0420SD-53-4001FN Datasheet
769Kb / 7P
   Vacuum Fluorescent Display Specification
More results

同様の説明 - D04271-000

メーカー部品番号データシート部品情報
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com