データシートサーチシステム |
|
TLE4276V データシート(PDF) 5 Page - Siemens Semiconductor Group |
|
TLE4276V データシート(HTML) 5 Page - Siemens Semiconductor Group |
5 / 16 page TLE 4276 Semiconductor Group 5 1998-11-01 Note: Maximum ratings are absolute ratings; exceeding any one of these values may cause irreversible damage to the integrated circuit. Absolute Maximum Ratings T j = – 40 to 150 °C Parameter Symbol Limit Values Unit Test Condition min. max. Voltage Regulator Input Voltage V I –42 45 V – Current I I –– – Internally limited Inhibit Voltage V INH –42 45 V – Voltage Adjust Input Voltage V VA –0.3 10 V – Output Voltage V Q –1.0 40 V – Current I Q – – – Internally limited Ground Current I GND –100 mA – Temperature Junction temperature T j –150 °C– Storage temperature T stg –50 150 °C– |
同様の部品番号 - TLE4276V |
|
同様の説明 - TLE4276V |