データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MV-445064-10-8A データシート(PDF) 4 Page - Tyco Electronics

部品番号 MV-445064-10-8A
部品情報  Label format - Old format order code cross reference
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

MV-445064-10-8A データシート(HTML) 4 Page - Tyco Electronics

  MV-445064-10-8A Datasheet HTML 1Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 2Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 3Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 4Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 5Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 6Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 7Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 8Page - Tyco Electronics MV-445064-10-8A Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
89
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
WP White polyester labels
Thermal Transfer
Product dimensions
Product
Package
Labels
Label width (A)
Label height (B)
Horizontal repeat (C)
Vertical repeat (D)
Web width (E)
order code
quantity
across
mm
inches
mm
inches
mm
inches
mm
inches
mm
inches
WP-127111-10-9
10,000
5
12.7
0.500
11.1
0.437
16.8
0.662
14.3
0.563
86.0
3.380
WP-127127-10-9
10,000
5
12.7
0.500
12.7
0.500
15.9
0.625
15.9
0.625
82.6
3.250
* WP-165051-25-9
25,000
4
16.5
0.650
5.1
0.200
17.8
0.700
8.3
0.325
75.8
2.990
WP-165102-10-9
10,000
5
16.5
0.650
10.2
0.400
19.1
0.750
13.8
0.545
99.1
3.900
WP-171171-10-9
10,000
5
17.1
0.674
17.1
0.674
19.7
0.774
20.3
0.800
101.8
4.006
* WP-178095-10-9
10,000
4
17.8
0.700
9.5
0.375
19.1
0.750
12.7
0.500
80.9
3.190
* WP-191064-10-9
10,000
4
19.1
0.750
6.4
0.250
21.6
0.850
9.5
0.375
89.9
3.540
WP-191114-15-9
15,000
3
19.1
0.750
11.4
0.450
22.2
0.875
14.7
0.579
69.5
2.736
* WP-203127-10-9
10,000
4
20.3
0.800
12.7
0.500
22.9
0.900
15.9
0.625
94.6
3.730
WP-229064-10-9
10,000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
WP-254045-10-9
10,000
3
25.4
1.000
4.6
0.180
31.8
1.250
8.5
0.333
95.3
3.750
WP-254064-10-9
10,000
3
25.4
1.000
6.4
0.250
27.9
1.100
9.5
0.375
87.3
3.436
WP-254097-10-9
10,000
3
25.4
1.000
9.7
0.380
27.9
1.100
12.7
0.500
87.4
3.440
WP-254127-10-9
10,000
3
25.4
1.000
12.7
0.500
27.9
1.100
16.9
0.666
87.4
3.440
WP-254254-10-9
10,000
3
25.4
1.000
25.4
1.000
27.9
1.100
28.6
1.125
87.4
3.440
* WP-305047-10-9
10,000
2
30.5
1.200
4.7
0.185
33.0
1.300
7.8
0.306
69.5
2.736
WP-318064-10-9
10,000
1
31.8
1.250
6.4
0.250
N/A
N/A
9.5
0.375
37.9
1.490
WP-318097-10-9
10,000
1
31.8
1.250
9.7
0.380
N/A
N/A
12.7
0.500
37.8
1.488
WP-381064-10-9
10,000
1
38.1
1.500
6.4
0.250
N/A
N/A
9.5
0.375
44.5
1.750
* WP-381127-5-9
5,000
2
38.1
1.500
12.7
0.500
44.2
1.740
15.9
0.630
88.2
3.470
WP-381191-5-9
5,000
2
38.1
1.500
19.1
0.750
43.2
1.700
22.2
0.875
87.6
3.450
* WP-381381-2.5-9
2,500
2
38.1
1.500
38.1
1.500
44.5
1.750
40.8
1.610
88.9
3.500
* WP-381635-5-9
5,000
2
38.1
1.500
63.5
2.500
40.6
1.600
66.7
2.630
84.7
3.340
* WP-406254-1.5-9
1,500
2
40.6
1.600
25.4
1.000
55.9
2.200
38.1
1.500
102.9
4.050
WP-445064-10-9
10,000
1
44.5
1.750
6.4
0.250
N/A
N/A
9.5
0.375
50.4
1.986
WP-445102-5-9
5,000
1
44.5
1.750
10.2
0.400
N/A
N/A
12.7
0.500
50.4
1.986
WP-445445-2-9
2,000
1
44.5
1.750
44.5
1.750
N/A
N/A
47.6
1.875
50.4
1.986
WP-478175-5-9
5,000
1
47.8
1.880
17.5
0.690
N/A
N/A
24.4
0.962
66.0
2.600
WP-508064-10-9
10,000
1
50.8
2.000
6.4
0.250
N/A
N/A
9.5
0.375
56.9
2.240
WP-508095-5-9
5,000
1
50.8
2.000
9.5
0.375
N/A
N/A
12.7
0.500
57.2
2.250
WP-508127-5-9
5,000
1
50.8
2.000
12.7
0.500
N/A
N/A
15.9
0.625
56.9
2.240
WP-508254-5-9
5,000
1
50.8
2.000
25.4
1.000
N/A
N/A
28.6
1.125
57.2
2.250
WP-508318-2.5-9
2,500
1
50.8
2.000
31.8
1.250
N/A
N/A
34.9
1.375
56.9
2.240
WP-508508-3-9
3,000
1
50.8
2.000
50.8
2.000
N/A
N/A
54.6
2.150
54.0
2.130
WP-523841-1.5-9
1,500
1
52.3
2.060
84.1
3.310
N/A
N/A
88.9
3.500
58.2
2.290
WP-610419-2.5-9
2,500
1
61.0
2.400
41.9
1.650
N/A
N/A
45.5
1.792
67.3
2.650
WP-699191-5-9
5,000
1
69.9
2.750
19.1
0.750
N/A
N/A
23.3
0.917
76.2
3.000
WP-699254-5-9
5,000
1
69.9
2.750
25.4
1.000
N/A
N/A
28.6
1.125
76.2
3.000
WP-762254-5-9
5,000
1
76.2
3.000
25.4
1.000
N/A
N/A
28.6
1.125
82.3
3.240
WP-762381-2.5-9
2,500
1
76.2
3.000
38.1
1.500
N/A
N/A
41.3
1.625
82.3
3.240
WP-762508-2.5-9
2,500
1
76.2
3.000
50.8
2.000
N/A
N/A
54.0
2.125
82.6
3.240
WP-762127-1-9
1,000
1
76.2
3.000
127.0
5.000
N/A
N/A
129.5
5.100
79.4
3.130
WP-101508-2.5-9
2,500
1
101.6
4.000
50.8
2.000
N/A
N/A
54.6
2.150
104.1
4.100
WP-101635-2.5-9
2,500
1
101.6
4.000
63.5
2.500
N/A
N/A
66.7
2.625
107.7
4.240
WP-101762-1.8-9
1,800
1
101.6
4.000
76.2
3.000
N/A
N/A
79.4
3.125
104.1
4.100
WP-101101-1.3-9
1,300
1
101.6
4.000
101.6
4.000
N/A
N/A
104.8
4.125
104.1
4.100
WP-101165-0.85-9
850
1
101.6
4.000
165.1
6.500
N/A
N/A
168.3
6.680
104.9
4.130
** N
NO
OT
TE
E:: S
Stta
an
nd
da
arrd
d F
Fo
orrm
ma
att N
No
ott C
Co
om
mp
pa
attiib
blle
e w
wiitth
h T
T2
20
00
0 P
Prriin
ntte
errss


同様の部品番号 - MV-445064-10-8A

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
MV-4610 ETC1-MV-4610 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4611 ETC1-MV-4611 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4612 ETC1-MV-4612 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4613 ETC1-MV-4613 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
MV-4614 ETC1-MV-4614 Datasheet
422Kb / 1P
   5.08 and 6.35mm Pin Spacing ??Fixed PCB Blocks
More results

同様の説明 - MV-445064-10-8A

メーカー部品番号データシート部品情報
logo
Silan Microelectronics ...
SC9244 SILAN-SC9244 Datasheet
259Kb / 11P
   REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
   INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC3004 SILAN-SC3004 Datasheet
197Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER OF 3004 CODE FORMAT
SC3010 SILAN-SC3010 Datasheet
330Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF RC5 CODE FORMAT
SC9243 SILAN-SC9243 Datasheet
1,015Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER OF 9012 CODE FORMAT
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
logo
Microchip Technology
MCP37210-200 MICROCHIP-MCP37210-200 Datasheet
3Mb / 116P
   Output Data Format
07/14/15
logo
AverLogic Technologies ...
AL360A AVERLOGIC-AL360A Datasheet
2Mb / 25P
   Video Format Converter
logo
ILLUMINANT CO., LTD
IB1206N-6FWL-217 ILLUMINANT-IB1206N-6FWL-217 Datasheet
51Kb / 1P
   Display Format: 128X64
logo
Littelfuse
D10-59050-030-1 LITTELFUSE-D10-59050-030-1 Datasheet
18Kb / 1P
   UPDATE DRAWING FORMAT
AN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com