データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS-12-452 データシート(PDF) 3 Page - FCI connector

部品番号 GS-12-452
部品情報  ZipLine Connector System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI-CONNECTOR [FCI connector]
ホームページ  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-452 データシート(HTML) 3 Page - FCI connector

  GS-12-452 Datasheet HTML 1Page - FCI connector GS-12-452 Datasheet HTML 2Page - FCI connector GS-12-452 Datasheet HTML 3Page - FCI connector GS-12-452 Datasheet HTML 4Page - FCI connector GS-12-452 Datasheet HTML 5Page - FCI connector GS-12-452 Datasheet HTML 6Page - FCI connector GS-12-452 Datasheet HTML 7Page - FCI connector GS-12-452 Datasheet HTML 8Page - FCI connector GS-12-452 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
NUMBER
GS-12-452
TYPE
PRODUCT SPECIFCATION
TITLE
PAGE
REVISION
3 of 13
C
AUTHORIZED BY
DATE
ZipLineTM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
1.0
OBJECTIVE
This specification defines the quality and reliability, performance, and test requirements of the ZipLine™
connector system. This specification applies to all press-fit versions including standard backpanel, orthogonal,
coplanar, and power configurations. The test sequences defined in this specification meet the intent of Telcordia
GR-1217-CORE requirements.
2.0
SCOPE
This specification is applicable to the press-fit ZipLine™ connector system which provides a high speed
differential board-to-board interconnect.
3.0
APPLICABLE DOCUMENTS
3.1
FCI Specifications
- Applicable FCI product customer drawings
- FCI Application Specification GS-20-094 (ZipLine™ Connector System)
3.2
Other Standards and Specifications
- UL94V-O: Test for Flammability of Plastic Materials in Devices and Appliances
- EIA 364: Electrical Connector/Socket Test Procedures Including Environmental Classifications
- GR-1217-CORE, Issue 2, December 2008: Telcordia Specification “Generic Requirements for Separable
Electrical Connectors”
3.3
FCI Product Qualification Test reports
- EL 2009-02-002A: ZipLine™ Connector System, backpanel and orthogonal signal products
- EL 2008-08-029:
ZipLine
TM Connector System, power products
- EL 2009-08-032:
ZipLine
TM Connector System, coplanar products
3.4
Safety Agency Approvals
- UL File Number: E66906
4.0
REQUIREMENTS
4.1
Materials
The material for each component shall be as specified herein or equivalent.
- Contacts: copper alloy
- Plating:
Contact Areas: Performance-based plating, qualified to meet the requirements of this specification,
including the Telcordia GR-1217-CORE Central Office test sequence.
Press-fit Tails: Tin or tin-lead over nickel
- Housings: high temperature thermoplastic; UL 94V-0 compliant
4.2
Visual Examination of Product
Visual examinations shall be performed using 10x magnification. Parts should be free from blistering,
cracks, discoloration, etc.
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 28, 2010


同様の部品番号 - GS-12-452

メーカー部品番号データシート部品情報
logo
FCI connector
GS-12-497 FCI-CONNECTOR-GS-12-497 Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results

同様の説明 - GS-12-452

メーカー部品番号データシート部品情報
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com